Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74AXP1G06 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74AXP1G06
Descripción Electrónicos  Low-power inverter with open-drain output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G06 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AXP1G06_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74AXP1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 15 January 2014
2 of 17
NXP Semiconductors
74AXP1G06
Low-power inverter with open-drain output
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AXP1G06GM
40 C to +85 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74AXP1G06GN
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74AXP1G06GS
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
74AXP1G06GX
40 C to +85 C
X2SON5
X2SON5: plastic thermal enhanced extremely thin
small outline package; no leads; 5 terminals;
body 0.8
 0.8  0.35 mm
SOT1226
Table 2.
Marking
Type number
Marking code[1]
74AXP1G06GM
rR
74AXP1G06GN
rR
74AXP1G06GS
rR
74AXP1G06GX
rR
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna618
AY
2
4
mna619
4
2
A
Y
mna620
Y
GND
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com