| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRLR2905ZPBF Datasheet(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRLR2905ZPBF Datasheet(HTML) 10 Page - International Rectifier |
|
10 / 11 page ![]() IRLR/U2905ZPbF 10 www.irf.com I-Pak (TO-251AA) Package Outline Dimensions are shown in millimeters (inches) I-Pak (TO-251AA) Part Marking Information 78 LINE A LOGO INTERNATIONAL RECTIFIER OR PRODUCT (OPTIONAL) P = DES IGNATES LEAD-FREE A = ASSEMBLY S ITE CODE IRFU120 PART NUMBER WEEK 19 DATE CODE YEAR 1 = 2001 RECTIFIER INTERNATIONAL LOGO ASS EMBLY LOT CODE IRFU120 56 DATE CODE PART NUMBER LOT CODE ASS EMBLY 56 78 YEAR 1 = 2001 WEEK 19 119A indicates Lead-Free" ASS EMBLED ON WW19, 2001 IN THE AS SEMBLY LINE "A" Note: "P" in assembly line position EXAMPLE: WITH ASS EMBLY THIS IS AN IRFU120 LOT CODE 5678 Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |