| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX397C/D Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX397C/D Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 12 page ![]() Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS—Dual Supplies (V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. (Voltage referenced to GND, unless otherwise noted.) V+ ...........................................................................-0.3V to +17V V- ............................................................................+0.3V to -17V V+ to V-...................................................................-0.3V to +17V Voltage into Any Terminal (Note 1).............(V- - 2V) to (V+ + 2V) or 30mA (whichever occurs first) Current into Any Terminal .................................................±30mA Peak Current into Any Terminal ........................................±50mA Continuous Power Dissipation (TA = +70°C) Plastic DIP (derate 14.29mW/°C above +70°C) .........1143mW Wide SO (derate 12.50mW/°C above +70°C).............1000mW SSOP (derate 9.52mW/°C above +70°C) .....................762mW PLCC (derate 10.53mW/°C above +70°C) ...................842mW CERDIP (derate 16.67mW/°C above +70°C) ..............1333mW Operating Temperature Ranges MAX39_C_I ..........................................................0°C to +70°C MAX39_E_I .......................................................-40°C to +85°C MAX39_MJI.....................................................-55°C to +125°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10sec) .............................+300°C VCOM = ±4.5V, VNO = 4.5V, V+ = 5.5V, V- = -5.5V VCOM = ±4.5V, VNO = 4.5V, V+ = 5.5V, V- = -5.5V CONDITIONS -20 20 ICOM(OFF) COM Off-Leakage Current (Note 6) -2.5 2.5 -0.1 0.03 0.1 -40 40 -2.5 2.5 nA -0.2 0.05 0.2 Ω 60 100 V V- V+ VCOM, VNO Analog Signal Range -10 10 INO(OFF) NO Off-Leakage Current (Note 6) -1.0 1.0 nA -0.1 0.03 0.1 13 RFLAT(ON) On-Resistance Flatness (Note 5) 125 RON Channel On-Resistance Ω 1.8 6 8 ∆RON On-Resistance Matching Between Channels (Note 4) Ω 510 UNITS MIN TYP MAX (Note 2) SYMBOL PARAMETER TA = TMIN to TMAX TA = TMIN to TMAX TA = TMIN to TMAX MAX397 VNO = ±4.5V, VCOM = 4.5V, V+ = 5.5V, V- = -5.5V MAX396 INO = 1mA, VCOM = ±3V, V+ = 5V, V- = -5V INO = 1mA, VCOM = ±3.5V INO = 1mA, VCOM = ±3.5V, V+ = 5V, V- = -5V TA = +25°C (Note 3) M C, E M C, E TA = +25°C M TA = +25°C TA = TMIN to TMAX TA = TMIN to TMAX TA = +25°C TA = TMIN to TMAX C, E TA = +25°C TA = +25°C Note 1: Signals on any terminal exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current rating. VCOM = ±4.5V, VNO = 4.5V, -30 30 ICOM(ON) COM On-Leakage Current (Note 6) -2.5 2.5 -0.2 0.05 0.2 -60 60 -5 5 nA -0.4 0.09 0.4 TA = TMIN to TMAX TA = TMIN to TMAX MAX397 MAX396 M C, E TA = +25°C M C, E TA = +25°C SWITCH |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |