Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IRG4MC30F Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRG4MC30F
Descripción Electrónicos  Simple Drive Requirements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRG4MC30F Datasheet(HTML) 5 Page - International Rectifier

  IRG4MC30F_15 Datasheet HTML 1Page - International Rectifier IRG4MC30F_15 Datasheet HTML 2Page - International Rectifier IRG4MC30F_15 Datasheet HTML 3Page - International Rectifier IRG4MC30F_15 Datasheet HTML 4Page - International Rectifier IRG4MC30F_15 Datasheet HTML 5Page - International Rectifier IRG4MC30F_15 Datasheet HTML 6Page - International Rectifier IRG4MC30F_15 Datasheet HTML 7Page - International Rectifier IRG4MC30F_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
IRG4MC30F
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
0
10
20
30
40
50
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
V
= 400V
I
= 15A
CC
C
1
10
100
0
400
800
1200
1600
2000
V
, Collector-to-Emitter Voltage (V)
CE
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc
Cies
Coes
Cres
300V
0
10
20
30
40
50
RG, Gate Resistance (Ω)
1.35
1.40
1.45
1.50
1.55
VCC= 480V
VGE = 15V
TJ= 25°C
I C= 15A
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ, Junction Temperature (°C)
0.1
1
10
100
RG = 7.5Ω
VGE= 15V
VCC= 480V
IC = 30A
IC = 15A
IC = 7.5A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com