Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX459CPL Datasheet(PDF) 16 Page - Maxim Integrated Products

No. de pieza MAX459CPL
Descripción Electrónicos  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX459CPL Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX459CPL Datasheet HTML 8Page - Maxim Integrated Products MAX459CPL Datasheet HTML 9Page - Maxim Integrated Products MAX459CPL Datasheet HTML 10Page - Maxim Integrated Products MAX459CPL Datasheet HTML 11Page - Maxim Integrated Products MAX459CPL Datasheet HTML 12Page - Maxim Integrated Products MAX459CPL Datasheet HTML 13Page - Maxim Integrated Products MAX459CPL Datasheet HTML 14Page - Maxim Integrated Products MAX459CPL Datasheet HTML 15Page - Maxim Integrated Products MAX459CPL Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
8x4 Video Crosspoint Switches with Buffers
16
______________________________________________________________________________________
DIM
A
A1
A2
A3
B
B1
C
D
D1
D2
D3
e
MIN
0.165
0.100
0.145
0.020
0.013
0.026
0.009
0.685
0.650
0.590
MAX
0.180
0.110
0.156
–
0.021
0.032
0.011
0.695
0.655
0.630
MIN
4.19
2.54
3.68
0.51
0.33
0.66
0.23
17.40
16.51
14.99
MAX
4.57
2.79
3.96
–
0.53
0.81
0.28
17.65
16.64
16.00
INCHES
MILLIMETERS
44-PIN PLASTIC
LEADED CHIP
CARRIER
PACKAGE
21-350A
D
D1
D
D1
D3
D2
e
B1
B
A3
A
A1
A2
12.70 REF
0.500 REF
1.27 REF
0.050 REF
C
________________________________________________________Package Information
C
A
A2
E1
D
E
eA
eB
A3
B1
B
DIM
A
A1
A2
A3
B
B1
C
D
D1
E
E1
e
eA
eB
L
α
MIN
–
0.015
0.125
0.055
0.016
0.045
0.008
2.025
0.050
0.600
0.525
–
0.120
0˚
MAX
0.200
–
0.175
0.080
0.020
0.065
0.012
2.075
0.090
0.625
0.575
0.700
0.150
15˚
MIN
–
0.38
3.18
1.40
0.41
1.14
0.20
51.44
1.27
15.24
13.34
–
3.05
0˚
MAX
5.08
–
4.45
2.03
0.51
1.65
0.30
52.71
2.29
15.88
14.61
17.78
3.81
15˚
INCHES
MILLIMETERS
2.54 BSC
15.24 BSC
0.100 BSC
0.600 BSC
A1
L
D1
e
21-348A
40-PIN PLASTIC
DUAL-IN-LINE
PACKAGE
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16