Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

D3270D Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

No. de pieza D3270D
Descripción Electrónicos  High voltage ratings up to 2200V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NELLSEMI [Nell Semiconductor Co., Ltd]
Página de inicio  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

D3270D Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  D3270D Datasheet HTML 1Page - Nell Semiconductor Co., Ltd D3270D Datasheet HTML 2Page - Nell Semiconductor Co., Ltd D3270D Datasheet HTML 3Page - Nell Semiconductor Co., Ltd D3270D Datasheet HTML 4Page - Nell Semiconductor Co., Ltd D3270D Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
A
55(85)
ºC
Maximum peak, one cycle
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
5950
31000
32460
26040
27270
4805
4375
3390
2
kA s
A
3090
t = 0.1 to 10 ms, no voltage reapplied
Maximum l²t for fusing
48050
V
0.83
3270(1640)
VFM
l
= 6400A,
pk
T =T maximum
J
J
,
V
VF(TO)
rt
2
I √t
2
kA s
Maximum l²√t for fusing
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
Sinusoidal half wave,
initial T = T maximum
J
J
IF(RMS)
Maximum forward voltage drop
Maximum value of forward slope resistance
Maximum value of threshold voltage
Maximum RMS
current
forward
25°C heatsink temperature double side cooled
l
=9800A ,T =T maximum
FM
J
J
l
=9800A ,T =T maximum
FM
J
J
A
0.16
1.50
2
I t
t = 10 ms sinusoidal wave
p
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
ºC
-40 to 180
-55 to 200
0.042
0.020
22250
(2250)
425
TO-200AC (K-PUK), Nell’s D-type Capsule
g
(kg)
N
K/W
Maximum
operating temperature range
junction
Maximum storage temperature range
Maximum thermal resistance, junction to heatsink
Mounting force, ±10%
Approximate weight
Case style
TJ
Tstg
RthJ-hs
DC operation single side cooled
DC operation double side cooled
RthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
180°
120°
90°
60°
30°
• The table above shows the increment of thermal resistance R
when devices
thJ-hs
operate at different conduction angles than DC
Note
UNITS
TEST CONDUCTIONS
K/W
T = T maximum
J
J
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
0.002
0.002
0.003
0.004
0.007
0.002
0.002
0.003
0.004
0.007
0.001
0.001
0.002
0.002
0.003
0.003
0.004
0.004
0.007
0.007
Page 2 of 5
www.nellsemi.com
D3270D Series



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com