Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BLF177 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BLF177
Descripción Electrónicos  HF/VHF power MOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF177 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BLF177_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 Jul 02
6
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
APPLICATION INFORMATION FOR CLASS-AB OPERATION
RF performance in SSB operation in a common source class-AB test circuit (see Fig.13).
Th =25 °C; Rth mb-h = 0.2 K/W; ZL = 6.25 + j0 Ω; f1 = 28.000 MHz; f2 = 28.001 MHz unless otherwise specified.
Note
1. Stated figures are maximum values encountered at any driving level between the specified value of PEP and are
referred to the according level of either the equal amplified tones. Related to the according peak envelope power
these figures should be decreased by 6 dB.
Ruggedness in class-AB operation
The BLF177 is capable of withstanding a load mismatch corresponding to VSWR = 50 through all phases under the
following conditions: f = 28 MHz; VDS = 50 V at rated output power.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
IDQ
(A)
PL
(W)
Gp
(dB)
ηD
(%)
d3
(dB)
(note 1)
d5
(dB)
(note 1)
SSB, class-AB
28
50
0.7
20 to 150
(PEP)
>20
typ. 35
>35
typ. 40
<−30
typ.
−35
<−30
typ.
−38
Fig.9
Power gain as a function of load power;
typical values.
Class-AB operation; VDS = 50 V; IDQ = 0.7 A;
RGS =5 Ω; f1 = 28.000 MHz; f2 = 28.001 MHz.
handbook, halfpage
0
30
20
10
0
100
200
MGP096
Gp
(dB)
PL (W) PEP
Fig.10 Two tone efficiency as a function of load
power; typical values.
handbook, halfpage
0
60
40
20
0
100
200
MGP094
ηD
(%)
PL (W) PEP
Class-AB operation; VDS = 50 V; IDQ = 0.7 A;
RGS =5 Ω; f1 = 28.000 MHz; f2 = 28.001 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com