Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GP20B Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza GP20B
Descripción Electrónicos  2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GP20B Datasheet(HTML) 1 Page - Micro Commercial Components

  GP20B Datasheet HTML 1Page - Micro Commercial Components GP20B Datasheet HTML 2Page - Micro Commercial Components GP20B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GP20A
THRU
GP20M
2.0 Amp Glass
Passivated Junction
Rectifiers
50 to 1000 Volts
Features
•
High temperature metallurgically bonded construction
•
Glass passivated cavity-free junction, Plastic Case
•
2.0 amperes operation at TA=55
OC and with no
thermal runaway.
•
Typical IR less than 0.1uA
Maximum Ratings
•
Operating Temperature: -55
OC to +150OC
•
Storage Temperature: -55
OC to +150OC
•
Typical Thermal Resistance: 10
OC/W Junction to Lead
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
GP20A
50V
35V
50V
GP20B
100V
70V
100V
GP20D
200V
140V
200V
GP20G
400V
280V
400V
GP20J
600V
420V
600V
GP20K
800V
560V
800V
GP20M
1000V
700V
1000V
Electrical Characteristics @ 25OC Unless Otherwise Specified
Maximum Average
Forward Current
IF(AV)
2.0 A
TA = 55
OC
Peak Forward Surge
Current
IFSM
65A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
GP20A -20B
GP20D-20M
VF
1.2V
1.1V
IFM = 2.0A;
TA=25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
Reverse Recovery
Time
Trr
2.5uS
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
40pF
Measured at
F=1.0MHz
VR=4.0V
DO-201AE
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.038
.042
0.96
1.06
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Número de pieza similar - GP20B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
GP20B ZOWIE-GP20B Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP20B GE-GP20B Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Taiwan Semiconductor Co...
GP20B TSC-GP20B Datasheet
67Kb / 2P
2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
TAITRON Components Inco...
GP20B TAITRON-GP20B Datasheet
132Kb / 4P
2.0A Sintered Glass Passivated Rectifier
logo
Shanghai Lunsure Electr...
GP20B CHENYI-GP20B Datasheet
47Kb / 3P
2.0Amp glass passivated junction rectifiers 50to1000 volts
More results

Descripción similar - GP20B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
GP10A MCC-GP10A Datasheet
84Kb / 3P
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP15A MCC-GP15A Datasheet
80Kb / 3P
1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP30A MCC-GP30A Datasheet
80Kb / 3P
3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G Datasheet
311Kb / 2P
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
RGP20A MCC-RGP20A Datasheet
83Kb / 3P
2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G_11 Datasheet
245Kb / 3P
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G_13 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER208G-TP MCC-HER208G-TP Datasheet
279Kb / 3P
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
GBL2005 MCC-GBL2005 Datasheet
379Kb / 3P
2.0 Amp Glass Passivated Single-Phase Rectifiers 50 to 1000 Volts
GS2AFL MCC-GS2AFL Datasheet
991Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com