Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BLM138K Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

No. de pieza BLM138K
Descripción Electrónicos  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BELLING [SHANGHAI BELLING CO., LTD.]
Página de inicio  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BLM138K Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BLM138K Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.belling.com.cn
Page
V2.0
3
BLM138K
Pb Free Product
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
Vgs
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Figure 1:Switching Test Circuit
Vds Drain-Source Voltage (V)
Figure 3 Output CHARACTERISTICS
ID- Drain Current (A)
Figure 5 Drain-Source On-Resistance
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
Figure 2:Switching Waveforms
Vgs Gate-Source Voltage (V)
Figure 4 Transfer Characteristics
Vgs Gate-Source Voltage (V)
Figure 6 Rdson vs Vgs



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com