Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

66266 Datasheet(PDF) 2 Page - Micropac Industries

No. de pieza 66266
Descripción Electrónicos  Base lead provided for conventional transistor biasing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROPAC [Micropac Industries]
Página de inicio  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66266 Datasheet(HTML) 2 Page - Micropac Industries

  66266 Datasheet HTML 1Page - Micropac Industries 66266 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66266
6 PIN GULL WING PROTON RADIATION TOLERANT OPTOCOUPLER WITH 850 nm LED
05/31/2013
ELECTRICAL CHARACTERISTICS
TA = 25
C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
1
µA
VR = 3 V
Input Diode Static Forward Voltage
-55
C
VF
0.8
1.7
V
IF = 10 mA
Input Diode Static Forward Voltage
+25
C
VF
0.8
1.35
1.7
V
IF = 10 mA
Input Diode Static Forward Voltage
+100
C
VF
0.8
1.7
V
IF = 10 mA
OUTPUT TRANSISTOR
TA = 25
C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
V(BR)CBO
45
V
IC = 100 A, IB = 0, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1 mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)ECO
5
V
IC = 0 mA, IE = 100 A, IF = 0
Off-State Collector Current
+100
C
ICEO
100
100
nA
A
VCE = 20 V, IF = 0 mA, IB = 0
VCE = 20 V, IF = 0 mA, IB = 0
COUPLED CHARACTERISTICS
TA = 25
C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
On State Collector Current
IC(ON)
4.0
mA
VCE = 5 V, IF = 1 mA, IB=0
On State Collector Current
+100
C
IC(ON)
4.0
mA
VCE = 5.0 V, IF = 2 mA, IB=0
On State Collector Current
-55
C
IC(ON)
4.0
mA
VCE = 5 V, IF = 2 mA, IB=0
Collector-Emitter Saturation Voltage
VCE(SAT)
0.3
V
IF = 2 mA, IC= 1 mA
Input to Output Internal Resistance
RIO
10
11
VIN-OUT = 1000 V
1
Input to Output Capacitance
CIO
2.5
5
pF
f = 1MHz, VIN-OUT = 1000 V
1
Rise Time-Phototransistor Operation
tr
5
10
s
VCC = 10 V, IF = 10 mA,
RL = 100 , IB = 0
Fall Time-Phototransistor Operation
tf
5
10
s
VCC = 10 V, IF = 10 mA,
RL = 100 , IB = 0
NOTES:
1.
These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
2.
This parameter must be measured using pulse techniques (tW = 100 s duty cycle 1%).
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0
90
A
Input Current, High Level
IFH
2
10
mA
Supply Voltage
VCE
5
25
V
Operating Temperature
TA
-55
125
C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66266-001
Commercial
66266-101
Commercial with Group A
66266-103
Screened to TX Level
66266-105
Screened to TXV Level
66266-300
Screened to Space Level
66266-303
Screened to Space Level with 96 hours HTRB and 125°C steady state life test
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com