Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISL9012IRPLZ Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL9012IRPLZ
Descripción Electrónicos  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9012IRPLZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9012IRPLZ Datasheet HTML 1Page - Intersil Corporation ISL9012IRPLZ Datasheet HTML 2Page - Intersil Corporation ISL9012IRPLZ Datasheet HTML 3Page - Intersil Corporation ISL9012IRPLZ Datasheet HTML 4Page - Intersil Corporation ISL9012IRPLZ Datasheet HTML 5Page - Intersil Corporation ISL9012IRPLZ Datasheet HTML 6Page - Intersil Corporation ISL9012IRPLZ Datasheet HTML 7Page - Intersil Corporation ISL9012IRPLZ Datasheet HTML 8Page - Intersil Corporation ISL9012IRPLZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN9220.3
March 11, 2008
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
VO1 VOLTAGE
(V)
VO2 VOLTAGE
(V)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL9012IRNNZ
DCTA
3.3
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRNJZ
DAPA
3.3
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRNFZ
DARA
3.3
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRMNZ
DCYA
3.0
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRMMZ
DAAK
3.0
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRMGZ
DCBC
3.0
2.7
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRLLZ
DAAJ
2.9
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRKKZ
DASA
2.85
2.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRKJZ
DATA
2.85
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRKFZ
DAVA
2.85
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRKCZ
DAAB
2.85
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRJNZ
DCBD
2.8
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRJMZ
DAAH
2.8
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRJRZ
DAAG
2.8
2.6
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRJCZ
DAAF
2.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRJBZ
DAWA
2.8
1.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRGCZ
DAAE
2.7
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRFJZ
DAYA
2.5
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRFDZ
DCBK
2.5
2.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRFCZ
DCBL
2.5
2.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRPLZ
DAAD
1.85
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRCJZ
DCBN
1.8
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRCCZ
DCBP
1.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9012IRBJZ
DAAC
1.5
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. For other output voltages, contact Intersil Marketing.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ISL9012



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com