Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HI-8428-R Datasheet(PDF) 16 Page - Holt Integrated Circuits

No. de pieza HI-8428-R
Descripción Electrónicos  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTIC [Holt Integrated Circuits]
Página de inicio  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 16 Page - Holt Integrated Circuits

Back Button HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 10Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 11Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 12Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 13Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 14Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 15Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 16Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
PACKAGE DIMENSIONS
HOLT INTEGRATED CIRCUITS
16
16-PIN PLASTIC SMALL OUTLINE (ESOIC) - NB
(Narrow Body, Thermally Enhanced)
millimeters(inches)
Package Type: 16HNE
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
0to 8
°
Detail A
.033 ± .017
(.838 ± .43)
°°
1.75
(0.069)
0.410 ± 0.100
(0.016 ± 0.004)
9.90
(0.390)
0.175 ± 0.075
(0.007 ± 0.003)
See Detail A
3.90
(0.154)
Top View
Bottom
View
2.045 ± 0.365
(0.081 ± 0.014)
1.27
(0.05)
BSC
0.075 ± 0.075
(0.003 ± 0.003)
Electrically isolated heat sink
pad on bottom of package.
Connect to any ground or
power plane for optimum
thermal dissipation.
BSC
BSC
6.00
(0.236)
BSC
4.215 ± 0.355
(0.166 ± 0.014)
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16