| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IMZ88 Datasheet(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
IMZ88 Datasheet(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() IMZ88 DUAL TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R215-005.E ELECTRICAL CHARACTERISTICS(Cont.) TR2 PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OFF CHARACTERISTICS Collector-Base Breakdown Voltage BVCBO IC=-100μA,IE=0 -30 V Collector-Emitter Breakdown Voltage BVCEO IC= -1mA, IB=0 -20 V Emitter-Base Breakdown Voltage BVEBO IE=-100μA,IC=0 -5 V Collector Cut-Off Current ICBO VCB=-30V,IE=0 -1 µA Emitter Cut-Off Current IEBO VEB= -5V, IC=0 -100 µA Collector-Emitter Saturation Voltage VCE(SAT) IC=-500mA, IB=-50mA -0.5 V Base-emitter saturation voltage VBE(SAT) IC= 500mA, IB=-50mA -1.2 V Base-emitter saturation voltage VBE VCE=-1V, IC=-10mA -1.0 V ON CHARACTERISTICS DC Current Transfer Ratio hFE1 VCE= -1V, IC = -1mA 100 hFE2 VCE=-1V, IC=-150mA 120 400 hFE3 VCE=-1V, IC=-500mA 40 SMALL SIGNAL CHARACTERISTICS Transition Frequency fT VCE=-10V,IC=-50mA 100 MHz Output Capacitance COB VCB=10V,IE=0, f=1MHz 9.0 pF |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |