| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASX340AT Datasheet(PDF) 45 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASX340AT Datasheet(HTML) 45 Page - ON Semiconductor |
|
45 / 75 page ![]() ASX340AT/D Rev. H, 8/15 EN 45 ©Semiconductor Components Industries, LLC, 2015. ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor Overlay Character Generator Figure 25: Overlay Calibration The position of the target will be used to determine the calibration value that shifts the row and column position of adjustable overlay graphics. The overlay calibration is intended to be applied on a device by device basis “in system,” which means after the camera has been installed. ON Semiconductor provides basic programming scripts that may reside in the SPI Flash memory to assist in this effort. Overlay Character Generator In addition to the four overlay layers, a fifth layer exists for a character generator overlay string. There are a total of: • 16 alphanumeric characters available • 22 characters maximum per line • 16 x 32 pixels with 1-bit color depth |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |