| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC75805PE Datasheet(PDF) 21 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC75805PE Datasheet(HTML) 21 Page - ON Semiconductor |
|
21 / 34 page ![]() LC75805PE No.A2119-21/34 (3) Correspondence of output pins to display data for LCD at 1/2 Duty Drive Output Pin COM1 COM2 Output Pin COM1 COM2 S1 D1 D2 S20 D39 D40 S2 D3 D4 S21 D41 D42 S3 D5 D6 S22 D43 D44 S4 D7 D8 S23 D45 D46 S5 D9 D10 S24 D47 D48 S6 D11 D12 S25 D49 D50 S7 D13 D14 S26 D51 D52 S8 D15 D16 S27 D53 D54 S9 D17 D18 S28 D55 D56 S10 D19 D20 S29 D57 D58 S11 D21 D22 S30 D59 D60 S12 D23 D24 S31 D61 D62 S13 D25 D26 S32 D63 D64 S14 D27 D28 S33 D65 D66 S15 D29 D30 S34 D67 D68 S16 D31 D32 S35 D69 D70 S17 D33 D34 S36/COM4 D71 D72 S18 D35 D36 S37/COM3 D73 D74 S19 D37 D38 Note) S36/COM4 and S37/COM3 pins are selected segment output. For example, the table below lists the output states for the S21 output pin. Display data Output pin (S21) state D41 D42 0 0 The LCD segments corresponding to COM1 and COM2 are off. 0 1 The LCD segment corresponding to COM2 is on. 1 0 The LCD segment corresponding to COM1 is on. 1 1 The LCD segment corresponding to COM1 and COM2 are on. |