Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UA78L05CLP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UA78L05CLP
Descripción Electrónicos  關A78L00 Series Positive-Voltage Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UA78L05CLP Datasheet(HTML) 19 Page - Texas Instruments

Back Button UA78L05CLP Datasheet HTML 15Page - Texas Instruments UA78L05CLP Datasheet HTML 16Page - Texas Instruments UA78L05CLP Datasheet HTML 17Page - Texas Instruments UA78L05CLP Datasheet HTML 18Page - Texas Instruments UA78L05CLP Datasheet HTML 19Page - Texas Instruments UA78L05CLP Datasheet HTML 20Page - Texas Instruments UA78L05CLP Datasheet HTML 21Page - Texas Instruments UA78L05CLP Datasheet HTML 22Page - Texas Instruments UA78L05CLP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
UA78L12ACDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
UA78L12ACDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
UA78L12ACPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
UA78L15ACDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
UA78L15ACPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
UA78L05ACDR
SOIC
D
8
2500
364.0
364.0
27.0
UA78L05ACDR
SOIC
D
8
2500
340.5
338.1
20.6
UA78L05ACDRG4
SOIC
D
8
2500
340.5
338.1
20.6
UA78L05ACPK
SOT-89
PK
3
1000
340.0
340.0
38.0
UA78L05AIDR
SOIC
D
8
2500
340.5
338.1
20.6
UA78L05AIPK
SOT-89
PK
3
1000
340.0
340.0
38.0
UA78L05CDR
SOIC
D
8
2500
340.5
338.1
20.6
UA78L05CPK
SOT-89
PK
3
1000
340.0
340.0
38.0
UA78L06ACPK
SOT-89
PK
3
1000
340.0
340.0
38.0
UA78L08ACDR
SOIC
D
8
2500
340.5
338.1
20.6
UA78L08ACDR
SOIC
D
8
2500
364.0
364.0
27.0
UA78L08ACDRG4
SOIC
D
8
2500
340.5
338.1
20.6
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Aug-2014
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27