Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE91206 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE91206
Descripción Electrónicos  7 - 16 DIN Male to 4.1/9.5 Mini DIN Male Adapter IP67 Mated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91206 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91206 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91206 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91206 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
7/16 DIN Male
Impedance 1
50 Ohms
Connector 2
4.1/9.5 Mini DIN Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Maximum VSWR
1.25:1
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.1:1
Return Loss, dB
26.4
Frequency 2
Frequency, GHz
3 to 4
VSWR
1.15:1
Return Loss, dB
23.13
Mechanical Specifications
Size
Length, in [mm]
1.969 [50.01]
.
Connector 1
Type
7/16 DIN Male
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
32
Torque, ft-lbs [Nm]
18.333 [24.86]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
4.1/9.5 Mini DIN Male
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
22
Torque, in-lbs [Nm]
90 [10.17]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 4.1/9.5 Mini DIN Male Adapter IP67 Mated PE91206
PE91206
PE91206 REV 1.0
7/16 DIN Male to 4.1/9.5 Mini DIN Male Adapter IP67 Mated


Número de pieza similar - PE91206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE9120 PASTERNACK-PE9120 Datasheet
108Kb / 1P
SMB PLUG TO SMB JACK
PE91200 PASTERNACK-PE91200 Datasheet
354Kb / 3P
N Female to N Female Adapter IP67 Mated
PE91201 PASTERNACK-PE91201 Datasheet
336Kb / 3P
Bulkhead N Female to N Female Adapter IP67 Mated
PE91202 PASTERNACK-PE91202 Datasheet
354Kb / 3P
TNC Male to TNC Male Adapter IP67 Mated
PE91203 PASTERNACK-PE91203 Datasheet
354Kb / 3P
TNC Male to TNC Female Adapter IP67 Mated
More results

Descripción similar - PE91206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE91194 PASTERNACK-PE91194 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
PE91195 PASTERNACK-PE91195 Datasheet
360Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91207 PASTERNACK-PE91207 Datasheet
361Kb / 3P
7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91208 PASTERNACK-PE91208 Datasheet
359Kb / 3P
7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91209 PASTERNACK-PE91209 Datasheet
359Kb / 3P
7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
PE91216 PASTERNACK-PE91216 Datasheet
359Kb / 3P
4.1 - 9.5 Mini DIN Male to N Male Adapter IP67 Mated
PE91217 PASTERNACK-PE91217 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Male to N Female Adapter IP67 Mated
PE91219 PASTERNACK-PE91219 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Female to N Male Adapter IP67 Mated
PE91231 PASTERNACK-PE91231 Datasheet
357Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE91243 PASTERNACK-PE91243 Datasheet
360Kb / 3P
7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com