| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA110A Datasheet(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
SA110A Datasheet(HTML) 2 Page - Microsemi Corporation |
|
2 / 5 page ![]() MSC1400.PDF 03-20-00 SA5.0 thru SA170A ELECTRICAL CHARACTERISTICS AT 25 °C PART NUMBER BREAKDOWN VOLTAGE V(BR) MIN. MAX TEST CURRENT IT RATED STAND OFF VOLTAGE VWM MAX. REVERSE STANDBY CURRENT ID @ VWM MAX. PEAK REVERSE VOLTAGE VC MAX. @ IPP MAX. PEAK PULSE CURRENT IPP (Figure 2) MAX. TEMP. COEFFICIENT OF V(BR) -55 °°°°C TO 175 °°°°C α αα α V(BR) VOLTS VOLTS mA VOLTS µµµµ ADC VOLTS AMP % / °°°°C SA5.0 6.40 7.30 10 5.0 600 9.6 52 .057 SA5.0A 6.40 7.00 10 5.0 600 9.2 54.3 .057 SA6.0 6.67 8.15 10 6.0 600 11.4 43.9 .059 SA6.0A 6.67 7.37 10 6.0 600 10.3 48.5 .059 SA6.5 7.22 8.82 10 6.5 400 12.3 40.7 .061 SA6.5A 7.22 7.98 10 6.5 400 11.2 44.7 .061 SA7.0 7.78 9.51 10 7.0 150 13.3 37.8 .065 SA7.0A 7.78 8.60 10 7.0 150 12.0 41.7 .065 SA7.5 8.33 10.2 1 7.5 50 14.3 35.0 .067 SA7.5A 8.33 9.21 1 7.5 50 12.9 38.8 .067 SA8.0 8.89 10.9 1 8.0 25 15.0 33.3 .070 SA8.0A 8.89 9.83 1 8.0 25 13.6 36.7 .070 SA8.5 9.44 11.5 1 8.5 5 15.9 31.4 .073 SA8.5A 9.44 10.4 1 8.5 5 14.4 34.7 .073 SA9.0 10.0 12.2 1 9.0 1 16.9 29.5 .076 SA9.0A 10.0 11.1 1 9.0 1 15.4 32.5 .076 SA10 11.1 13.6 1 10 1 18.8 26.6 .078 SA10A 11.1 12.3 1 10 1 17.0 29.4 .078 SA11 12.2 14.9 1 11 1 20.1 24.9 .081 SA11A 12.2 13.5 1 11 1 18.2 27.4 .081 SA12 13.3 16.3 1 12 1 22.0 22.7 .082 SA12A 13.3 14.7 1 12 1 19.9 25.1 .082 SA13 14.4 17.6 1 13 1 23.8 21.0 .084 SA13A 14.4 15.9 1 13 1 21.5 23.2 .084 SA14 15.6 19.1 1 14 1 25.8 19.4 .086 SA14A 15.6 17.2 1 14 1 23.2 21.5 .086 SA15 16.7 20.4 1 15 1 26.9 18.8 .087 SA15A 16.7 18.5 1 15 1 24.4 20.6 .087 SA16 17.8 21.8 1 16 1 28.8 17.6 .088 SA6A 17.8 19.7 1 16 1 26.0 19.2 .088 SA17 18.9 23.1 1 17 1 30.5 16.4 .090 SA17A 18.9 20.9 1 17 1 27.6 18.1 .090 SA18 20.0 24.4 1 18 1 32.2 15.5 .092 SA18A 20.0 22.1 1 18 1 29.2 17.2 .092 SA20 22.2 27.1 1 20 1 35.8 13.9 .093 SA20A 22.2 24.5 1 20 1 32.4 15.4 .093 |