Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE-W42TF005-24 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE-W42TF005-24
Descripción Electrónicos  WR-42 Flexible Waveguide Twist With a UG-595 - U Flange Operating From 18 GHz to 26.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W42TF005-24 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W42TF005-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W42TF005-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W42TF005-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W42TF005-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Features
• Twenty four inch long WR-42 waveguide
• Twistable
• Flexes in both the E and H plane
• Neoprene sleeve allows pressurization
• 18 GHz to 26.5 GHz Frequency Range
Brass flanges with a silver plated brass body
Applications
Simplifies positioning parabolic
reflectors for line of sight
microwave radio links.
• Test Benches
• Eliminates installation problems
caused by misalignment.
• Allows expansion/contraction
due to thermal issues.
• Pressurized waveguide systems
• Provides vibration isolation
• Microwave Radio
.
Description
The PE-W42TF005-24 is part of Pasternack’s family of flexible, twistable waveguides which operates in the 18 to 26.5 GHz
range. The waveguide body is made of a helically wound silver coated brass strip. It can be twisted and/or bent in both the
E and H planes without impairing VSWR or attenuation. The waveguide is covered by a neoprene jacket which protects the
waveguide, provides mechanical support and allows the waveguide to be pressurized.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
18
26.5
GHz
VSWR
1.3:1
Insertion Loss
0.7
dB
.
Mechanical Specifications
Waveguide Size
WR-42
Waveguide Design
Twistable
Section Length
24 in [609.6 mm]
E-Plane Minimum Bend Radius, One Time
1.5 in [38.1 mm]
E-Plane Minimum Bend Radius, Repeated
6 in [152.4 mm]
H-Plane Minimum Bend Radius, One Time
3 in [76.2 mm]
H-Plane Minimum Bend Radius, Repeated
12 in [304.8 mm]
Maximum Offset Rotation, One Time
155 degrees/ft
Maximum Offset Rotation, Repeated
45 degrees/ft
Maximum Operating Pressure
45 psig
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-42 Flexible Waveguide Twist With a UG-595/U Flange Operating From 18 GHz to
26.5 GHz PE-W42TF005-24
PE-W42TF005-24 REV 1.0
PE-W42TF005-24
WR-42 Flexible Waveguide Twist With a UG-595/U
Flange Operating From 18 GHz to 26.5 GHz
Waveguide Twists Technical Data Sheet


Número de pieza similar - PE-W42TF005-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE-W42TF005-24 PASTERNACK-PE-W42TF005-24 Datasheet
540Kb / 4P
WR-42 Twistable Flexible Waveguide
PE-W42TF005-24 PASTERNACK-PE-W42TF005-24_V01 Datasheet
540Kb / 4P
WR-42 Twistable Flexible Waveguide
More results

Descripción similar - PE-W42TF005-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE-W42SF005-12 PASTERNACK-PE-W42SF005-12 Datasheet
394Kb / 4P
WR-42 Flexible Straight Waveguide Section 12 Inch Length with UG-595 - U Flange Operating from 18 GHz to 26.5 GHz
PE-W42SF005-36 PASTERNACK-PE-W42SF005-36 Datasheet
395Kb / 4P
WR-42 Flexible Straight Waveguide Section 36 Inch Length with UG-595 - U Flange Operating from 18 GHz to 26.5 GHz
PE-W42TF005-12 PASTERNACK-PE-W42TF005-12 Datasheet
395Kb / 4P
WR-42 Flexible Waveguide Twist With a UG-595 - U Flange Operating From 18 GHz to 26.5 GHz
PE-W42TF005-36 PASTERNACK-PE-W42TF005-36 Datasheet
395Kb / 4P
WR-42 Flexible Waveguide Twist With a UG-595 - U Flange Operating From 18 GHz to 26.5 GHz
PE-W42B001A PASTERNACK-PE-W42B001A Datasheet
361Kb / 3P
WR-42 Instrumentation Grade Waveguide E-Bend with UG-595/U Flange Operating from 18 GHz to 26.5 GHz
PE-W42B002A PASTERNACK-PE-W42B002A Datasheet
362Kb / 3P
WR-42 Instrumentation Grade Waveguide H-Bend with UG-595/U Flange Operating from 18 GHz to 26.5 GHz
PE-W42SF005-24 PASTERNACK-PE-W42SF005-24 Datasheet
391Kb / 4P
WR-42 Seamless Flexible Waveguide, UG-595/U Square Cover Flange Operating From 18 GHz to 26.5 GHz
PE-W42TW1001 PASTERNACK-PE-W42TW1001 Datasheet
386Kb / 3P
WR-42 90 Degree Waveguide Twist With a UG-595/U Flange Operating From 18 GHz to 26.5 GHz
PE-W42TW1002 PASTERNACK-PE-W42TW1002 Datasheet
391Kb / 3P
WR-42 45 Degree Left-hand Waveguide Twist With a UG-595/U Flange Operating From 18 GHz to 26.5 GHz
PE-W42TW1003 PASTERNACK-PE-W42TW1003 Datasheet
381Kb / 3P
WR-42 45 Degree Right-hand Waveguide Twist With a UG-595/U Flange Operating From 18 GHz to 26.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com