| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N4960CUS Datasheet(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
1N4960CUS Datasheet(HTML) 2 Page - Microsemi Corporation |
|
2 / 4 page ![]() VOIDLESS-HERMETICALLY-SEALED 5 WATT GLASS ZENER DIODES SCOTTSD A L E DIVISION 1N4954 thru 1N4996, 1N5968 thru 1N5969, and 1N6632 thru 1N6637 ELECTRICAL CHARACTERISTICS @ 25oC MAXIMUM ZENER IMPEDANCE MAXIMUM REVERSE LEAKAGE CURRENT VOLTAGE NOMINAL ZENER VOLTAGE VZ @ IZT TEST CURRENT IZT ZZ @ IZT ZZK* @ IZK=1mA VOLTAGE REGULATION (Note 1) ∆ VZ IR VR MAXIMUM TEMPERATURE COEFF. αVZ @ IZT MAXIMUM CONTINUOUS CURRENT IZM SURGE CURRENT IZSM TYPE* VOLTS mA OHMS OHMS VOLTS µA VOLTS %/ oC mA AMPS 1N6632 1N6633 1N6634 1N6635 1N6636 1N6637 3.3 3.6 3.9 4.3 4.7 5.1 380 350 320 290 260 240 3.0 2.5 2.0 2.0 2.0 1.5 500 500 500 500 450 400 0.90 0.80 0.75 0.70 0.60 0.50 300 250 175 25 20 5 1.0 1.0 1.0 1.0 1.0 1.0 -.075 -.070 -.060 -.050 +/-.025 +/-.030 1440 1320 1220 1100 1010 930 20.0 18.7 17.6 16.4 15.3 14.4 1N5968 1N5969 1N4954 1N4955 1N4956 5.6 6.2 6.8 7.5 8.2 220 220 175 175 150 1.0 1.0 1.0 1.5 1.5 400 1000 1000 800 600 0.4 0.5 0.7 0.7 0.7 5000 1000 150 100 50 4.28 4.74 5.2 5.7 6.2 .04 .04 .05 .06 .06 865 765 700 630 580 20 20 29.3 26.4 24 1N4957 1N4958 1N4959 1N4960 1N4961 9.1 10.0 11 12 13 150 125 125 100 100 2.0 2.0 2.5 2.5 3.0 400 125 130 140 145 0.7 0.8 0.8 0.8 0.9 25 25 10 10 10 6.9 7.6 8.4 9.1 9.9 .06 .07 .07 .07 .08 520 475 430 395 365 22 20 19 18 16 1N4962 1N4963 1N4964 1N4965 1N4966 15 16 18 20 22 75 75 65 65 50 3.5 3.5 4.0 4.5 5.0 150 155 160 165 170 1.0 1.1 1.2 1.5 1.8 5 5 5 2 2 11.4 12.2 13.7 15.2 16.7 .08 .08 .085 .085 .085 315 294 264 237 216 12 10 9.0 8.0 7.0 1N4967 1N4968 1N4969 1N4970 1N4971 24 27 30 33 36 50 50 40 40 30 5.0 6.0 8 10 11 175 180 190 200 220 2.0 2.0 2.5 2.8 3.0 2 2 2 2 2 18.2 20.6 22.8 25.1 27.4 .090 .090 .090 .095 .095 198 176 158 144 132 6.5 6.0 5.5 5.0 4.5 1N4972 1N4973 1N4974 1N4975 1N4976 39 43 47 51 56 30 30 25 25 20 14 20 25 27 35 230 240 250 270 320 3.0 3.3 3.5 4.0 4.4 2 2 2 2 2 29.7 32.7 35.8 38.8 42.6 .095 .095 .095 .095 .095 122 110 100 92 84 4.0 3.5 3.2 3.0 2.8 1N4977 1N4978 1N4979 1N4980 1N4981 62 68 75 82 91 20 20 20 15 15 42 50 55 80 90 400 500 620 720 760 5.0 5.5 6.0 6.6 7.5 2 2 2 2 2 47.1 51.7 56.0 62.2 69.2 .100 .100 .100 .100 .100 76 70 63.0 58.0 52.5 2.5 2.2 2.0 1.8 1.6 1N4982 1N4983 1N4984 1N4985 1N4986 100 110 120 130 150 12 12 10 10 8 110 125 170 190 330 800 1000 1150 1250 1500 8.0 9.0 10 11 13 2 2 2 2 2 76.0 83.6 91.2 98.8 114.0 .100 .100 .100 .105 .105 47.5 43.0 39.5 36.6 31.6 1.4 1.2 1.00 0.80 0.75 1N4987 1N4988 1N4989 1N4990 1N4991 160 180 200 220 240 8 5 5 5 5 350 450 500 550 650 1650 1750 1850 2000 2050 14 16 18 19 22 2 2 2 2 2 121.6 136.8 152 167 182 .105 .110 .110 .115 .115 29.4 26.4 23.6 21.6 19.8 0.70 0.60 0.50 0.50 0.40 1N4992 1N4993 1N4994 1N4995 1N4996 270 300 330 360 390 5 4 4 3 3 800 950 1175 1400 1800 2100 2150 2200 2300 2500 25 28 32 35 40 2 2 2 2 2 206 228 251 274 297 .120 .120 .120 .120 .120 17.5 15.6 14.4 13.0 12.0 0.35 0.30 0.25 0.22 0.20 *IZK = 5 mA for 1N5968 NOTE 1: Maximum voltage change ∆VZ between 10% of IZM and 50% of IZM Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2005 2-4-2005 REV C |