| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX2003CSE Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX2003CSE Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 20 page ![]() NiCd/NiMH Battery Fast-Charge Controllers 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = 4.5V to 5.5V, Figure 1, all measurements are with respect to VSS, TA = TMIN to TMAX, unless otherwise noted.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. All Pins to VSS...........................................................-0.3V, +6.0V Continuous Power Dissipation (TA = +70°C) Plastic DIP (derate 10.53mW/°C above +70°C) ...........842mW Narrow SO (derate 8.70mW/°C above +70°C) .............696mW Wide SO (derate 9.52mW/°C above +70°C).................762mW Operating Temperature Range...............................0°C to +70°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10sec) .............................+300°C VBAT - VSNS No load VCC = 5V VCC = 5V, VTCO = 1.4V VCC = 5V VCC = 5V VCC = 5V VCC = 5V VTS - VSNS VCC = 5V VCC = 5V CONDITIONS mV 16 VTHERM Thermistor Input Resolution (Note 2) mV 12 - ∆V Negative Delta Voltage (Note 2) mV 30 VSNSHI - VSNSLO Delta Sense Voltage (Note 1) V 0.044VCC 0.044VCC - 25mV 0.044VCC + 25mV VSNSLO Sense Trip Threshold Low V 0.05VCC 0.05VCC - 25mV 0.05VCC + 25mV VSNSHI Sense Trip Threshold High V 0.0 VCC VCELL Cell Potential mA 0.75 2.2 ICC V 4.5 5.0 5.5 VCC Supply Voltage Supply Current V (VLTF/8) (VLTF/8) (VLTF/8) + (7VTCO/8) + 7VTCO/8 + (7VTCO/8) - 30mV + 30mV VHTF High-Temperature Trip Threshold V VLTF - 0.2VCC VLTF VTCO Temperature Cutoff Voltage V 0.4VCC 0.4VCC - 30mV 0.4VCC + 30mV VLTF Low-Temperature Trip Threshold V VEDV VEDV + 0.2VCC VMCV Maximum Cell Voltage V 0.0 VCC VBAT Battery Voltage Input V 0.0 VCC VTEMP Temperature Potential V 0.0 VCC VTS Temperature Sense Input Voltage UNITS MIN TYP MAX SYMBOL PARAMETER VCC = 5V V 0.2VCC 0.2VCC - 30mV 0.2VCC + 30mV VEDV End-of-Discharge Voltage |