| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD6830P Datasheet(PDF) 6 Page - AUK corp |
|
|
|||||||||||||||||||||||||||||
SD6830P Datasheet(HTML) 6 Page - AUK corp |
|
6 / 34 page ![]() KSI-W002-000 6 6. Basic Function Block 6.1 Program Counter (PC) Program counter is used to indicate the address of the next instruction to be executed. The 10-bit program counter consists of two registers, PC H(4-bit) and PCL(6-bit). This is a polynomial counter. 6.2 Program Memory (ROM) Program memory is used to store user-specified program. This consists of a 1024 x 8-bit. It is organized in 16 pages and each page is 64 bytes long. For page-in addressing, all instructions excluding JMPL and CALL can be executed by page. In order to execute jump or call in page, JMP or CAL is suitable. For page-to-page addressing, JMPL or CALL must be used. Figure 6-1. Program Memory Map SD6830 3 60 61 62 63 PAGE 15 0 1 2 PAGE 0 0 1 2 3 60 61 62 63 RESET ADDRESS 000h PROGRAM COUNTER PCH (4-BIT) PCL (6-BIT) PROGRAM MEMORY |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |