Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NVMFS5C450N Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza NVMFS5C450N
Descripción Electrónicos  Single N?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C450N Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS5C450N Datasheet HTML 1Page - ON Semiconductor NVMFS5C450N Datasheet HTML 2Page - ON Semiconductor NVMFS5C450N Datasheet HTML 3Page - ON Semiconductor NVMFS5C450N Datasheet HTML 4Page - ON Semiconductor NVMFS5C450N Datasheet HTML 5Page - ON Semiconductor NVMFS5C450N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVMFS5C450N
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
40
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
20
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 40 V
TJ = 25°C
10
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 65 mA
2.5
3.5
V
Threshold Temperature Coefficient
VGS(TH)/TJ
−9.1
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 50 A
2.7
3.3
m
W
Forward Transconductance
gFS
VDS =15 V, ID = 50 A
93
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 25 V
1600
pF
Output Capacitance
COSS
830
Reverse Transfer Capacitance
CRSS
28
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 20 V; ID = 50 A
23
nC
Threshold Gate Charge
QG(TH)
VGS = 10 V, VDS = 20 V; ID = 50 A
5.1
Gate−to−Source Charge
QGS
9.0
Gate−to−Drain Charge
QGD
3.5
Plateau Voltage
VGP
5.3
V
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 20 V,
ID = 50 A, RG = 2.5 W
10
ns
Rise Time
tr
47
Turn−Off Delay Time
td(OFF)
19
Fall Time
tf
3.0
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 50 A
TJ = 25°C
0.9
1.2
V
TJ = 125°C
0.78
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 50 A
37
ns
Charge Time
ta
18
Discharge Time
tb
19
Reverse Recovery Charge
QRR
23
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com