Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FSP057-2FS01 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

No. de pieza FSP057-2FS01
Descripción Electrónicos  Slim type power supply with LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FSP [FSP TECHNOLOGY INC.]
Página de inicio  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP057-2FS01 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP057-2FS01 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
Slim type power supply with LED Driver operates with
58.8V & 16V & 5.2V outputs for 24" LC D TV
APPLICATION
Slim type power supply with LED Driver for LC D TV
FEATURES
Slim type power supply with LED Driver
Power saving less than 0.3W at 230Vac/50Hz and
5.2V/20mA load condition
OVP & OC P & SC P protection and No Load Operation
Safety compliance UL60065, C AN/C SA-C 22.2 NO.60065,
IEC 60065,
EN60065, C NS14408, GB8898, J60065, AZ/NZS60065
W ATTAGE
Wattage:
57W
PRODUCT HIGHLIGHT
Screen Size:
24"
Output Voltage:
58.5V & 16V & 5.2V
Dimension:
127 (L) x 182 (W) x 15 (H) mm
INPUT SPECIFICATION
Input Range:
90 - 264 VAC
Input F requency :
47 - 63 Hz
OUTPUT SPECIFICATION
Output Voltage/Current:
Output1
Output2
Output3
58.8 V , 0.25 A
16 V , 1.5 A
5.2 V , 3.5 A
OTHERS
Efficiency :
75 % Typical
EMC PERFORMANCE
EN61000-4-2:
ESD, ±10 KV air, ±8 KV contact
EN61000-4-4:
Fast transient, 1. 0.5~1.2 KV 2. 1.3~1.5
KV
EN61000-4-5:
Surge, L to N : + - 3 KV ; Tuner to L/N :
+- 4.5KV No parts broken ; Tuner to L/N
: +- 6KV No Reliability incident
EN61000-4-
11:
Voltage dip immunity, 1. 100%
reduction -- 5000ms, 2. 60% reduction -
- 100ms, 3. 30% reduction -- 10ms
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
TV PSU
FSP057-2FS01


Número de pieza similar - FSP057-2FS01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FSP TECHNOLOGY INC.
FSP050 FSP-FSP050 Datasheet
4Mb / 3P
50W ~ 65W 12V Adapter
2018.12 spec
FSP050-1SZN1CP-W FSP-FSP050-1SZN1CP-W Datasheet
140Kb / 1P
LED Lighting
FSP050-DAAN2 FSP-FSP050-DAAN2 Datasheet
143Kb / 1P
IPC systems, Embedded systems
logo
Sparkle Power Inc.
FSP050-DAAN2 SPI-FSP050-DAAN2 Datasheet
579Kb / 5P
AC-DC POWER SUPPLY
logo
FSP TECHNOLOGY INC.
FSP050-DGAA5 FSP-FSP050-DGAA5 Datasheet
109Kb / 1P
IPC systems, C ommunication systems, Embedded systems, POE systems
More results

Descripción similar - FSP057-2FS01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
Integrated White LED Driver With Organic LED Display Power Supply
logo
FSP TECHNOLOGY INC.
FSP102-3FS01 FSP-FSP102-3FS01 Datasheet
204Kb / 1P
Power supply with LED Driver
FSP202-4FS01 FSP-FSP202-4FS01 Datasheet
206Kb / 1P
Slim type power supply with LED Driver
FSP258-3F01 FSP-FSP258-3F01 Datasheet
188Kb / 1P
Slim type power supply for LC D TV
logo
Mean Well Enterprises C...
UHP-200 MEANWELL-UHP-200 Datasheet
226Kb / 6P
200W Slim Type with PFC Switching Power Supply
UHP-350 MEANWELL-UHP-350 Datasheet
237Kb / 6P
350W Slim Type with PFC Switching Power Supply
UHP-500 MEANWELL-UHP-500 Datasheet
235Kb / 6P
500W Slim Type with PFC Switching Supply
UHP-1000 MEANWELL-UHP-1000 Datasheet
333Kb / 8P
1000W Slim Type with PFC Switching Supply
UHP-750 MEANWELL-UHP-750 Datasheet
312Kb / 5P
750W Slim Type with PFC Switching Supply
SLD-150 MEANWELL-SLD-150 Datasheet
126Kb / 6P
150W Slim type low profile Switching Power Supply / LED Driver
2023-02-24
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com