| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASM802LCPAF Datasheet(PDF) 11 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM802LCPAF Datasheet(HTML) 11 Page - ON Semiconductor |
|
11 / 12 page ![]() ASM690A/692A, ASM802L/802M, ASM805L http://onsemi.com 11 Table 7. ORDERING INFORMATION − Tin − Lead Devices Part Number (Note 5) Reset Threshold (V) Temperature (5C) Pins−Package Package Marking ASM690A ASM690ACPA 4.5 to 4.75 0 to +70 8−Plastic DIP ASM690ACPA ASM690ACSA 4.5 to 4.75 0 to +70 8−SO ASM690ACSA ASM690AEPA 4.5 to 4.75 −40 to +85 8−Plastic DIP ASM690AEPA ASM690AESA 4.5 to 4.75 −40 to +85 8−SO ASM690AESA ASM692A ASM692ACPA 4.25 to 4.50 0 to +70 8−Plastic DIP ASM692ACPA ASM692ACSA 4.25 to 4.50 0 to +70 8−SO ASM692ACSA ASM692AEPA 4.25 to 4.50 −40 to +85 8−Plastic DIP ASM692AEPA ASM692AESA 4.25 to 4.50 −40 to +85 8−SO ASM692AESA ASM802L ASM802LCPA 4.5 to 4.75 0 to +70 8−Plastic DIP ASM802LCPA ASM802LCSA 4.5 to 4.75 0 to +70 8−SO ASM802LCSA ASM802LEPA 4.5 to 4.75 −40 to +85 8−Plastic DIP ASM802LEPA ASM802LESA 4.5 to 4.75 −40 to +85 8−SO ASM802LESA ASM802M ASM802MCPA 4.25 to 4.50 0 to +70 8−Plastic DIP ASM802MCPA ASM802MCSA 4.25 to 4.50 0 to +70 8−SO ASM802MCSA ASM802MEPA 4.25 to 4.50 −40 to +85 8−Plastic DIP ASM802MEPA ASM802MESA 4.25 to 4.50 −40 to +85 8−SO ASM802MESA ASM805L ASM805LCPA 4.5 to 4.75 0 to +70 8−Plastic DIP ASM805LCPA ASM805LCSA 4.5 to 4.75 0 to +70 8−SO ASM805LCSA ASM805LEPA 4.5 to 4.75 −40 to +85 8−Plastic DIP ASM805LEPA ASM805LESA 4.5 to 4.75 −40 to +85 8−SO ASM805LESA 5. For parts to be packed in Tape and Reel, add “−T” at the end of the part number. ON Semiconductor lead free parts are RoHS compliant. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |