Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LMV321M7/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV321M7/NOPB
Descripción Electrónicos  Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LMV321M7/NOPB Datasheet HTML 36Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 37Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 38Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 39Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 40Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 41Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 42Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 43Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV324Q3MTX/NOPB
TSSOP
PW
14
2500
330.0
12.4
6.95
5.6
1.6
8.0
12.0
Q1
LMV358MM
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV358MM/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV358MMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV358MX
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV358MX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV358Q1MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV358Q1MM/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV358Q1MMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV358Q3MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV358Q3MM/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV358Q3MMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMV321M5
SOT-23
DBV
5
1000
210.0
185.0
35.0
LMV321M5/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LMV321M5X/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LMV321M7
SC70
DCK
5
1000
210.0
185.0
35.0
LMV321M7/NOPB
SC70
DCK
5
1000
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Dec-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52