| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM35DZ Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM35DZ Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 31 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 13-Jan-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM35AH ACTIVE TO NDV 3 500 TBD Call TI Call TI -55 to 150 ( LM35AH ~ LM35AH) LM35AH/NOPB ACTIVE TO NDV 3 500 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM -55 to 150 ( LM35AH ~ LM35AH) LM35CAH ACTIVE TO NDV 3 500 TBD Call TI Call TI -40 to 110 ( LM35CAH ~ LM35CAH) LM35CAH/NOPB ACTIVE TO NDV 3 500 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM -40 to 110 ( LM35CAH ~ LM35CAH) LM35CAZ/LFT4 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) CU SN N / A for Pkg Type LM35 CAZ LM35CAZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) CU SN N / A for Pkg Type -40 to 110 LM35 CAZ LM35CH ACTIVE TO NDV 3 500 TBD Call TI Call TI -40 to 110 ( LM35CH ~ LM35CH) LM35CH/NOPB ACTIVE TO NDV 3 500 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM -40 to 110 ( LM35CH ~ LM35CH) LM35CZ/LFT1 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) CU SN N / A for Pkg Type LM35 CZ LM35CZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) CU SN N / A for Pkg Type -40 to 110 LM35 CZ LM35DH ACTIVE TO NDV 3 1000 TBD Call TI Call TI 0 to 70 ( LM35DH ~ LM35DH) LM35DH/NOPB ACTIVE TO NDV 3 1000 Green (RoHS & no Sb/Br) Call TI | POST-PLATE Level-1-NA-UNLIM 0 to 70 ( LM35DH ~ LM35DH) LM35DM NRND SOIC D 8 95 TBD Call TI Call TI 0 to 100 LM35D M LM35DM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 100 LM35D M LM35DMX NRND SOIC D 8 2500 TBD Call TI Call TI 0 to 100 LM35D M LM35DMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 100 LM35D M LM35DT NRND TO-220 NEB 3 45 TBD Call TI Call TI 0 to 100 LM35DT LM35DT/NOPB ACTIVE TO-220 NEB 3 45 TBD Call TI Call TI 0 to 100 |