Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC0804LCWM Datasheet(PDF) 20 Page - Texas Instruments

No. de pieza ADC0804LCWM
Descripción Electrónicos  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 16Page - Texas Instruments ADC0804LCWM Datasheet HTML 17Page - Texas Instruments ADC0804LCWM Datasheet HTML 18Page - Texas Instruments ADC0804LCWM Datasheet HTML 19Page - Texas Instruments ADC0804LCWM Datasheet HTML 20Page - Texas Instruments ADC0804LCWM Datasheet HTML 21Page - Texas Instruments ADC0804LCWM Datasheet HTML 22Page - Texas Instruments ADC0804LCWM Datasheet HTML 23Page - Texas Instruments ADC0804LCWM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
Figure 28. INS8048 Interface
Figure 29. Sample Program for Figure 28 INS8048 Interface
9.1.2.4 Interfacing the Z-80
The Z-80 control bus is slightly different from that of the 8080. General RD and WR strobes are provided and
separate memory request, MREQ, and I/O request, IORQ, signals are used which have to be combined with the
generalized strobes to provide the equivalent 8080 signals. An advantage of operating the ADC in I/O space with
the Z-80 is that the CPU will automatically insert one wait state (the RD and WR strobes are extended one clock
period) to allow more time for the I/O devices to respond. Logic to map the ADC in I/O space is shown in
Figure 30.
20
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56