Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

D44H11FP Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza D44H11FP
Descripción Electrónicos  Complementary power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D44H11FP Datasheet(HTML) 6 Page - STMicroelectronics

  D44H11FP Datasheet HTML 1Page - STMicroelectronics D44H11FP Datasheet HTML 2Page - STMicroelectronics D44H11FP Datasheet HTML 3Page - STMicroelectronics D44H11FP Datasheet HTML 4Page - STMicroelectronics D44H11FP Datasheet HTML 5Page - STMicroelectronics D44H11FP Datasheet HTML 6Page - STMicroelectronics D44H11FP Datasheet HTML 7Page - STMicroelectronics D44H11FP Datasheet HTML 8Page - STMicroelectronics D44H11FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
D44H11FP, D45H11FP
6/9
Doc ID 16096 Rev 3
Table 5.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D
2.5
2.75
E0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2



Html Pages

1 2 3 4 5 6 7 8 9