Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L78L08ABUTR Datasheet(PDF) 33 Page - STMicroelectronics

No. de pieza L78L08ABUTR
Descripción Electrónicos  Positive voltage regulators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L08ABUTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L78L08ABUTR Datasheet HTML 29Page - STMicroelectronics L78L08ABUTR Datasheet HTML 30Page - STMicroelectronics L78L08ABUTR Datasheet HTML 31Page - STMicroelectronics L78L08ABUTR Datasheet HTML 32Page - STMicroelectronics L78L08ABUTR Datasheet HTML 33Page - STMicroelectronics L78L08ABUTR Datasheet HTML 34Page - STMicroelectronics L78L08ABUTR Datasheet HTML 35Page - STMicroelectronics L78L08ABUTR Datasheet HTML 36Page - STMicroelectronics L78L08ABUTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DocID2145 Rev 25
33/46
L78L
Package information
46
Table 24. TO-92 Ammopack tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A1
4.80
T
3.80
T1
1.60
T2
2.30
d
0.45
0.47
0.48
P0
12.50
12.70
12.90
P2
5.65
6.35
7.05
F1, F2
2.40
2.50
2.94
F3
4.98
5.08
5.48
delta H
-2.00
2.00
W
17.50
18.00
19.00
W0
5.56.006.5
W1
8.50
9.00
9.25
W2
0.50
H
18.50
21
H3
0.5
1
2
H0
15.50
16.00
18.8
H1
25.0
27.0
D0
3.80
4.00
4.20
t
0.90
L
11.00
l1
3.00
delta P
-1.00
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46