| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STAP16DPS05 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STAP16DPS05 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 34 page ![]() Timing diagrams STAP16DPS05 12/34 DocID024315 Rev 6 5 Timing diagrams Note: OUTn = ON when Dn = H OUTn = OFF when Dn = L. Figure 7. Timing diagram Note: Latch and output enable are level-sensitive and they are not synchronized with rising or falling edge of CLK signal. When LE/DM1 terminal is low level, the latch circuits hold the previous set of data. When LE/DM1 terminal is high level, the latch circuits refresh new set of data from SDI chain. When OE/DM2 terminal is at low level, the output terminals - Out0 to Out15 respond to data in the latch circuits, either '1' ON or '0' OFF. When OE/DM2 terminal is at high level, all output terminals are switched OFF. Table 9. Truth table Clock LE/DM1 OE/DM2 Serial-in OUT0............. OUT7................ OUT15 SDO H L Dn Dn..... Dn - 7..... Dn -15 Dn - 15 L L Dn + 1 No change Dn - 14 H L Dn + 2 Dn + 2..... Dn - 5..... Dn -13 Dn - 13 X L Dn + 3 Dn + 2..... Dn - 5..... Dn -13 Dn - 13 X H Dn + 3 OFF Dn - 13 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |