| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VS6663CB Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6663CB Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 64 page ![]() Doc ID026749 Rev 2 11/64 VS6663CB Device pinout 47 2 Device pinout Figure 4 shows the position of the pins on the module and Table 4 provides the signal descriptions. Figure 4. VS6663CB module pinout (viewed from bottom of camera module) Table 4. Pin description Pad number Pad name I/O type Description Power supplies 1 VCAP PWR Do not connect(1) 7 GND PWR Ground (combined) 2 VANA PWR Analog power 10 VDIG PWR Digital power System 3 XSHUTDOWN I Power down control(2) 4 EXTCLK I System clock input Control 5 SCL I Serial communication clock 123 456 7 8 9 10 11 12 TP TP TP TP TP TP TP TP |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |