| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1215370 Datasheet(PDF) 7 Page - SICK AG |
|
|
|||||||||||||||||||||||||||||
1215370 Datasheet(HTML) 7 Page - SICK AG |
|
7 / 8 page ![]() MLG02A-0445B13201 | MLG-2 Pro MEASURING AUTOMATION LIGHT GRIDS 2016-01-29 09:44:08 | Online data sheet Subject to change without notice AUTOMATION LIGHT GRIDS | SICK 7 Brief description Type Part no. EtherCAT IO-Link Master, IO-Link V1.1, power supply via 7/8'' cable 24 V / 8 A, fieldbus connection via M12 cable IOLG2EC-03208R01 (IO-Link Master) 6053254 EtherNet/IP IO-Link Master, IO-Link V1.1, power supply via 7/8'' cable 24 V / 8 A, field- bus connection via M12-cable IOLG2EI-03208R01 (IO-Link Master) 6053255 PROFINET IO-Link Master, IO-Link V1.1, Class A port, power supply via 7/8'' cable 24 V / 8 A, fieldbus connection via M12 cable IOLG2PN-03208R01 (IO-Link Master) 6053253 Plug connectors and cables Head A: female connector, M12, 5-pin, straight Head B: cable Cable: PVC, unshielded, 5 m DOL-1205-G05M 6009868 Head A: female connector, M12, 8-pin, straight Head B: cable Cable: special color code, PVC, shielded, 2 m DOL-1208-G02MF 6020663 Head A: female connector, M12, 8-pin, straight Head B: cable Cable: special color code, PVC, shielded, 5 m DOL-1208-G05MF 6020664 Head A: female connector, M12, 8-pin, straight Head B: cable Cable: special color code, PVC, shielded, 10 m DOL-1208-G10MF 6048434 Head A: female connector, M12, 5-pin, straight, A-coded Head B: male connector, M12, 5-pin, straight, A-coded Cable: digital I/Os, drag chain use, PUR, halogen-free, unshielded, 5 m DSL-1205-G05MC 6029282 Head A: male connector, M12, 4-pin, straight, D-coded Head B: male connector, RJ45, 8-pin, straight Cable: Ethernet, drag chain use, PUR, shielded, 2 m SSL-2J04-G02ME 6034414 |