| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UT699 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT699 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology |
|
4 / 41 page ![]() 4 2.3 Data Bus ADDR[10] O 16 AB6 low Bit 10 of the address bus ADDR[11] O 17 W8 low Bit 11 of the address bus ADDR[12] O 18 AB7 low Bit 12 of the address bus ADDR[13] O 19 Y8 low Bit 13 of the address bus ADDR[14] O 21 AA8 low Bit 14 of the address bus ADDR[15] O 22 W9 low Bit 15 of the address bus ADDR[16] O 23 AB8 low Bit 16 of the address bus ADDR[17] O 24 Y9 low Bit 17 of the address bus ADDR[18] O 26 W10 low Bit 18 of the address bus ADDR[19] O 27 AB9 low Bit 19 of the address bus ADDR[20] O 28 Y10 low Bit 20 of the address bus ADDR[21] O 29 AA9 low Bit 21 of the address bus ADDR[22] O 31 W11 low Bit 22 of the address bus ADDR[23] O 32 AA10 low Bit 23 of the address bus ADDR[24] O 33 Y11 low Bit 24 of the address bus ADDR[25] O 34 AB10 low Bit 25 of the address bus ADDR[26] O 38 AB11 low Bit 26 of the address bus ADDR[27] O 39 AA11 low Bit 27 of the address bus Pin Name Direction Pin Number Reset Value Description 352 CQFP 484 CLGA DATA[0] I/O 43 W12 high-Z Bit 0 of the data bus DATA[1] I/O 45 W13 high-Z Bit 1 of the data bus DATA[2] I/O 46 Y12 high-Z Bit 2 of the data bus DATA[3] I/O 47 AA13 high-Z Bit 3 of the data bus DATA[4] I/O 48 AA12 high-Z Bit 4 of the data bus DATA[5] I/O 50 AB13 high-Z Bit 5 of the data bus DATA[6] I/O 51 W14 high-Z Bit 6 of the data bus Pin Name Direction Pin Number Reset Value Description 352 CQFP 484 CLGA |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |