Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ELM9727NAA Datasheet(PDF) 8 Page - ELM Electronics

No. de pieza ELM9727NAA
Descripción Electrónicos  CMOS voltage detector IC for battery-operated portable devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9727NAA Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM9727NAA Datasheet HTML 2Page - ELM Electronics ELM9727NAA Datasheet HTML 3Page - ELM Electronics ELM9727NAA Datasheet HTML 4Page - ELM Electronics ELM9727NAA Datasheet HTML 5Page - ELM Electronics ELM9727NAA Datasheet HTML 6Page - ELM Electronics ELM9727NAA Datasheet HTML 7Page - ELM Electronics ELM9727NAA Datasheet HTML 8Page - ELM Electronics ELM9727NAA Datasheet HTML 9Page - ELM Electronics ELM9727NAA Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
154
VOLTAGE DETECTOR ELM97xxxxA
ELM9734CAA
ELM9734CAA
ELM9734CAA
ELM9734CAA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Remark s
Detection Voltage
VDETN
3.315
3.400
3.485
V
2
VDETN
VDETN
×0.02
×0.08
Current Consumption
ISS
VDD=4.5V
-
1.5
4.5
μA1
Operating Voltage
VDD
0.8
-
6.0
V
2
IOUTN
VDD=1.5V, VDS=0.5V
1.0
2.0
-
mA
3
IOUTP
VDD=4.5V, VDS=2.1V
0.5
1.5
-
mA
4
Delay Time
tPHL
0.1
mS
5
Temperature
Characteristic
of VDETN
Remarks ) Test circuit No.
-
△VDETN
△Top
Output Current
-
2
Hysteresis width
-
Top=-30~+80℃
-
VHYS
V
-0.34
mV/℃
ELM9745CAA
ELM9745CAA
ELM9745CAA
ELM9745CAA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Remark s
Detection Voltage
VDETN
4.388
4.500
4.612
V
2
VDETN
VDETN
×0.02
×0.08
Current Consumption
ISS
VDD=6.0V
-
1.5
4.5
μA1
Operating Voltage
VDD
0.8
-
6.0
V
2
IOUTN
VDD=1.5V, VDS=0.5V
1.0
2.0
-
mA
3
IOUTP
VDD=6.0V, VDS=2.1V
0.5
2.0
-
mA
4
Delay Time
tPHL
0.1
mS
5
Temperature
Characteristic
of VDETN
Remarks ) Test circuit No.
△VDETN
△Top
Output Current
Hysteresis width
VHYS
-
V2
Top=-30~+80℃
--0.45
-
-
mV/℃
ELM9748CAA
ELM9748CAA
ELM9748CAA
ELM9748CAA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Remark s
Detection Voltage
VDETN
4.680
4.800
4.920
V
2
VDETN
VDETN
×0.02
×0.08
Current Consumption
ISS
VDD=6.0V
-
1.5
4.5
μA1
Operating Voltage
VDD
0.8
-
6.0
V
2
IOUTN
VDD=1.5V, VDS=0.5V
1.0
2.0
-
mA
3
IOUTP
VDD=6.0V, VDS=2.1V
0.5
2.0
-
mA
4
Delay Time
tPHL
0.1
mS
5
Temperature
Characteristic
of VDETN
Remarks ) Test circuit No.
2
-
Top=-30~+80℃
--
Hysteresis width
VHYS
V
-0.48
-
mV/℃
Output Current
△VDETN
△Top



Html Pages

1 2 3 4 5 6 7 8 9 10