| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S3P72P9 Datasheet(PDF) 39 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S3P72P9 Datasheet(HTML) 39 Page - Samsung semiconductor |
|
39 / 225 page ![]() S3C72P9/P72P9 (Preliminary Spec) ADDRESSING MODES 3-3 EMB AND ERB INITIALIZATION VALUES The EMB and ERB flag bits are set automatically by the values of the RESET vector address and the interrupt vector address. When a RESET is generated internally, bit 7 of program memory address 0000H is written to the EMB flag, initializing it automatically. When a vectored interrupt is generated, bit 7 of the respective vector address table is written to the EMB. This automatically sets the EMB flag status for the interrupt service routine. When the interrupt is serviced, the EMB value is automatically saved to stack and then restored when the interrupt routine has completed. At the beginning of a program, the initial EMB and ERB flag values for each vectored interrupt must be set by using VENT instruction. The EMB and ERB can be set or reset by bit manipulation instructions (BITS, BITR) despite the current SMB setting. + + PROGRAMMING TIP — Initializing the EMB and ERB Flags The following assembly instructions show how to initialize the EMB and ERB flag settings: ORG 0000H ; ROM address assignment VENT0 1,0,RESET ; EMB ← 1, ERB ← 0; Jump to RESET address by RESET VENT1 0,1,INTB ; EMB ← 0, ERB ← 1; Jump to INTB address by INTB VENT2 0,1,INT0 ; EMB ← 0, ERB ← 1; Jump to INT0 address by INT0 VENT3 0,1,INT1 ; EMB ← 0, ERB ← 1; Jump to INT1 address by INT1 VENT4 0,1,INTS ; EMB ← 0, ERB ← 1; Jump to INTS address by INTS VENT5 0,1,INTT0 ; EMB ← 0, ERB ← 1; Jump to INTT0 address by INTT0 VENT6 0,1,INTT1 ; EMB ← 0, ERB ← 1; Jump to INTT1 address by INTT1 VENT7 0,1,INTK ; EMB ← 0, ERB ← 1; Jump to INTK address by INTK RESET • • • BITR EMB |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |