Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD6672-250EBZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD6672-250EBZ
Descripción Electrónicos  IF Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6672-250EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6672-250EBZ Datasheet HTML 6Page - Analog Devices AD6672-250EBZ Datasheet HTML 7Page - Analog Devices AD6672-250EBZ Datasheet HTML 8Page - Analog Devices AD6672-250EBZ Datasheet HTML 9Page - Analog Devices AD6672-250EBZ Datasheet HTML 10Page - Analog Devices AD6672-250EBZ Datasheet HTML 11Page - Analog Devices AD6672-250EBZ Datasheet HTML 12Page - Analog Devices AD6672-250EBZ Datasheet HTML 13Page - Analog Devices AD6672-250EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AD6672
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
VIN+, VIN− to AGND
−0.3 V to AVDD + 0.2 V
CLK+, CLK− to AGND
−0.3 V to AVDD + 0.2 V
VCM to AGND
−0.3 V to AVDD + 0.2 V
CSB to AGND
−0.3 V to DRVDD + 0.3 V
SCLK to AGND
−0.3 V to DRVDD + 0.3 V
SDIO to AGND
−0.3 V to DRVDD + 0.3 V
0/D0−, 0/D0 + Through D9−/D10−,
D9+/D10+ to AGND
−0.3 V to DRVDD + 0.3 V
OR+/OR− to AGND
−0.3 V to DRVDD + 0.3 V
DCO+, DCO− to AGND
−0.3 V to DRVDD + 0.3 V
Environmental
Operating Temperature Range
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
Under Bias
150°C
Storage Temperature Range
(Ambient)
−65°C to +125°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
The exposed paddle must be soldered to the ground plane for the
LFCSP package. Soldering the exposed paddle to the customer
board increases the reliability of the solder joints, maximizing
the thermal capability of the package.
Table 7. Thermal Resistance
Package Type
Airflow
Velocity
(m/sec)
θJA1, 2
θJC1, 3
θJB1, 4
Unit
32-Lead LFCSP
5 mm × 5 mm
(CP-32-12)
0
37.1
3.1
20.7
°C/W
1.0
32.4
°C/W
2.0
29.1
°C/W
1
Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per MIL-Std 883, Method 1012.1.
4
Per JEDEC JESD51-8 (still air).
Typical θJA is specified for a 4-layer PCB with a solid ground
plane. As shown in Table 7, airflow increases heat dissipation,
which reduces θJA. In addition, metal in direct contact with the
package leads from metal traces—through holes, ground, and
power planes—reduces the θJA.
ESD CAUTION
Rev. C | Page 10 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com