Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ES237 Datasheet(PDF) 10 Page - Cyrustek corporation

No. de pieza ES237
Descripción Electrónicos  6000 Counts DMM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES237 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES237 Datasheet HTML 6Page - Cyrustek corporation ES237 Datasheet HTML 7Page - Cyrustek corporation ES237 Datasheet HTML 8Page - Cyrustek corporation ES237 Datasheet HTML 9Page - Cyrustek corporation ES237 Datasheet HTML 10Page - Cyrustek corporation ES237 Datasheet HTML 11Page - Cyrustek corporation ES237 Datasheet HTML 12Page - Cyrustek corporation ES237 Datasheet HTML 13Page - Cyrustek corporation ES237 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
V 2.2
10
2015/12/15
ES237
6000 Counts DMM
1.4.
Current Measurement For Multi-meter
ES237 has 3 automatic current measurement modes for multimeter. The following table
summarizes the Full-Scale range of each mode. When ES237 operates in the current measurement
modes for multi-meter, it takes high input from pin IVS, low input from pin SGND and reference
voltage from calibration scheme.
Mode
FC1~4
1VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
1
600.0µA / 6000µA
IVS V.S. SGND
Automatic2
1,1,1,1
1
60.00mA / 600.0mA
IVS V.S. SGND
Automatic3
0,0,0,0
1
6.000A /10.00A
2
IVS V.S. SGND
Note:
1. Connect VBAR to V- will disable the “µ2” / ”m2” symbol on LCD panel.
2. Connect SEL1 to V+(or Floated) or V- (or DGND) will set maximum readings of input for Automatic3 mode.
SEL1
V+
DGND
Floating
V-
OL level
10.00A
20.00A
10.00A
20.00A
1.5.
Current Measurement For Clamp-meter
ES237 has 2 automatic and 4 manual current measurement modes for Clampmeter. The following
table summarizes the Full-Scale range of each mode. When ES237 operate in the automatic modes
and the manual mode1~4, it takes high input from CLAMPin pin, low input from SGND and
reference voltage from VR_CLAMP.
Mode
FC1~4
1VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
0
600.0A / 6000A
2
CLAMPin V.S. SGND
Automatic2
1,1,1,1
0
60.00A / 600.0A
CLAMPin V.S. SGND
Manual1
1,1,0,0
X
6.000A
CLAMPin V.S. SGND
Manual2
1,0,0,0
X
60.00A
CLAMPin V.S. SGND
Manual3
1,0,1,0
X
600.0A
CLAMPin V.S. SGND
Manual4
1,0,0,1
X
1000A or 2000A
2
CLAMPin V.S. SGND
Note:
1. Connect VBAR to V- will disable the “µ2” / ”m2” symbol on LCD panel.
2. Connect SEL1 to DGND or V- will set maximum of input for Automatic1 & Manual4 modes.
3. In DC current modes for clamp-meter, ES237 provides Zero Function for offset removing.
SEL1
V+
DGND
Floating
V-
OL level
1000A
2000A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com