Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2206CP Datasheet(PDF) 1 Page - Exar Corporation

No. de pieza 2206CP
Descripción Electrónicos  Monolithic Function Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

2206CP Datasheet(HTML) 1 Page - Exar Corporation

  2206CP Datasheet HTML 1Page - Exar Corporation 2206CP Datasheet HTML 2Page - Exar Corporation 2206CP Datasheet HTML 3Page - Exar Corporation 2206CP Datasheet HTML 4Page - Exar Corporation 2206CP Datasheet HTML 5Page - Exar Corporation 2206CP Datasheet HTML 6Page - Exar Corporation 2206CP Datasheet HTML 7Page - Exar Corporation 2206CP Datasheet HTML 8Page - Exar Corporation 2206CP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
XR-2206
...the analog plus companyTM
Monolithic
Function Generator
Rev. 1.03
E1972
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
z (510) 668-7000 z (510) 668-7017
1
June 1997-3
FEATURES
D Low-Sine Wave Distortion, 0.5%, Typical
D Excellent Temperature Stability, 20ppm/°C, Typ.
D Wide Sweep Range, 2000:1, Typical
D Low-Supply Sensitivity, 0.01%V, Typ.
D Linear Amplitude Modulation
D TTL Compatible FSK Controls
D Wide Supply Range, 10V to 26V
D Adjustable Duty Cycle, 1% TO 99%
APPLICATIONS
D Waveform Generation
D Sweep Generation
D AM/FM Generation
D V/F Conversion
D FSK Generation
D Phase-Locked Loops (VCO)
GENERAL DESCRIPTION
The XR-2206 is a monolithic function generator
integrated circuit capable of producing high quality sine,
square, triangle, ramp, and pulse waveforms of
high-stability and accuracy. The output waveforms can be
both amplitude and frequency modulated by an external
voltage. Frequency of operation can be selected
externally over a range of 0.01Hz to more than 1MHz.
The circuit is ideally suited for communications,
instrumentation, and function generator applications
requiring sinusoidal tone, AM, FM, or FSK generation. It
has a typical drift specification of 20ppm/
°C. The oscillator
frequency can be linearly swept over a 2000:1 frequency
range with an external control voltage, while maintaining
low distortion.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
XR-2206M
16 Lead 300 Mil CDIP
-55
°C to +125°C
XR-2206P
16 Lead 300 Mil PDIP
–40
°C to +85°C
XR-2206CP
16 Lead 300 Mil PDIP
0
°C to +70°C
XR-2206D
16 Lead 300 Mil JEDEC SOIC
0
°C to +70°C


Número de pieza similar - 2206CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2206 ETC1-2206 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
Unisonic Technologies
2206 UTC-2206 Datasheet
121Kb / 4P
2.5W DUAL AUDIO POWER AMP
logo
List of Unclassifed Man...
2206 ETC2-2206 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
logo
Littelfuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
2206 Series, Lead-Free 2AG, Fast-Acting Fuse
logo
Heyco.
2206 HEYCO-2206 Datasheet
151Kb / 1P
Extra Dome Plugs
More results

Descripción similar - 2206CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NE566 PHILIPS-NE566 Datasheet
50Kb / 5P
Function generator
April 15, 1992
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
Function/Arbitrary Waveform Generator
logo
Exar Corporation
XR-2206 EXAR-XR-2206_08 Datasheet
153Kb / 16P
Monolithic Function Generator
logo
List of Unclassifed Man...
AFG2021 ETC2-AFG2021 Datasheet
472Kb / 8P
Arbitrary/Function Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
Arbitrary Function Generator
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
4010A ETC2-4010A Datasheet
697Kb / 1P
2 MHz Function Generator
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
Arbitrary/Function Generator
logo
Good Will Instrument Co...
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
ARBITRARY FUNCTION GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com