Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2N7002K-HF Datasheet(PDF) 3 Page - Comchip Technology

No. de pieza 2N7002K-HF
Descripción Electrónicos  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2N7002K-HF Datasheet(HTML) 3 Page - Comchip Technology

  2N7002K-HF Datasheet HTML 1Page - Comchip Technology 2N7002K-HF Datasheet HTML 2Page - Comchip Technology 2N7002K-HF Datasheet HTML 3Page - Comchip Technology 2N7002K-HF Datasheet HTML 4Page - Comchip Technology 2N7002K-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (2N7002K-HF)
Page 3
QW-JTR09
REV: A
0.4
T, Temperature (°C)
-60
0.6
2.4
+20
-20
+100
+60
1.0
2.2
1.8
0.8
1.4
2.0
1.6
1.2
+140
VGS=10V, ID=200mA
VGS=5V, ID=0.05A
MOSFET
Company reserves the right to improve product design , functions and reliability without notice.
Fig.2 Transfer Characteristics
0
VDS, Drain-Source Voltage (V)
0
4
10
1.6
2
6
8
0.4
0.8
1.2
2.0
Fig.1 Ohmic Region
3
9
1
5
7
1.4
0.2
0.6
1.0
1.8
0
VGS, Gate-Source Voltage (V)
0
1.0
0.2
0.4
0.6
0.8
4
10
2
6
8
3
9
1
5
7
VDS = 10V
Fig.3 Temperature Versus Static
Drain-Source On-Resistance
0.7
T, Temperature (°C)
0.8
0.9
1.0
1.1
1.15
1.2
Fig.4 Temperature Versus Gate
Threshold Voltage
-60
+20
-20
+100
+60
+140
VDS=V , ID=1.0mA
GS
9V
VGS=10V
8V
7V
6V
5V
4V
3V
-55°C
125°C
25°C



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com