Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3HDMI301 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

No. de pieza PI3HDMI301
Descripción Electrónicos  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI301 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI301 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
OC Setting Value Logic Table
0 Input Control Pins
Setting Value
OC_S3(1)
OC_S2(1)
OC_S1(1)
OC_S0(1)
Vswing (mV)
Pre-emphasis/De-emphasis
(dB)
0
0
0
0
333
-9.5
0
0
0
1
500
-6
0
0
1
0
666
-3.5
0
0
1
1
1000
0
0
1
0
0
160
-9
0
1
0
1
270
-6
0
1
1
0
340
-3.5
0
1
1
1
500
0
1
0
0
0
500
6
1
0
0
1
500
3.5
1
0
1
0
500
1.5
1
0
1
1
500
0
1
1
0
0
600
0
1
1
0
1
1000
0
1
1
1
0
750
0
1
1
1
1
500
0
EQ Setting Value Logic Table for high speed data bits (TMDS CLK input is left at 3dB default always)
EQ_S1(1)
EQ_S0(1)
Setting Value
0
0
15dB on all high speed data inputs
0
1
3dB on all high speed data inputs
1
0
8dB on all high speed data inputs
1
1
Optimized Equalization on all high speed data inputs (Default setting which can support all
cable lengths from 1meter to 20meters)
Notes:
1) Integrated internal pull-ups
Truth Table
Control Pins
I/O Selected
Hot Plug Detect Status
OE
S1
S2
S3
TMDS outputs
SCL_Sink
SDA_Sink
HPD1
HPD2
HPD3
L
H
x
x
Port1
SCL1
SDA1
HPD_Sink
L
L
L
L
H
x
Port2
SCL2
SDA2
L
HPD_Sink
L
L
L
L
H
Port3
SCL3
SDA3
L
L
HPD_Sink
L
L
L
L
None (Hi-Z)
None (Hi-Z)
L
L
L
H
X
X
X
None (Hi-Z)
Follow S1, S2, S3
Follow S1, S2, S3
09-0054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com