Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3HDMI336 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

No. de pieza PI3HDMI336
Descripción Electrónicos  3:1 ActiveEye HDMI Switch with I2C Control & ARC Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI336 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3HDMI336 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI336 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI336 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI336 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI336 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI336 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI336 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI336 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI336 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
www.pericom.com
07/28/2012
PI3HDMI336
Block Diagram
Description
PI3HDMI336 is an I2C configurable active switch using
Pericom’s new ActiveEyeTM technology to achieve optimized sig-
nal integrity for cable or on board transmission.
Through I2C interface, system designer can easily program and
adjust equalization, emphasis and output swing settings.
With integrated DDC channel Mux, Hot Plug Detection
De-Mux, cable plug-unplug detection and HDMI 1.4 ARC
transmitter, PI3HDMI336 saves GPIO control pins, provides
optimized trace routing, and reduces BOM cost.
Programmable TMDS input termination settings helps designers
to avoid the compatibility issue caused by non standard HDMI
source.
Programmable output termination setting supports double ter-
mination option between PI3HDMI336 and the HDMI receiver
chip. This feature minimizes the reflection caused by improper
impedance matching and reduces the signal jitter.
PI3HDMI336 is HDMI 1.4 compatible with backward compat-
ibility to the DVI 1.0 standard and can be used for the DP++ ap-
plication devices.
Features
Î
Î
HDMI 1.4 compliant with fast video switch among each
ports
Î
Î
I2C control 3:1 HDMI active switch Mux with DC coupled
or AC coupled Dual mode DisplayPort signals
à
Output will maintain its DC coupled, current-
steering
à
TMDS compliance input can be AC coupled video or
DC coupled
Î
Î
2.5Gbps data rate for TMDS clock up to 250MHz
Î
Î
Support up to 36-bits per pixel Deep ColorTM modes
Î
Î
Programmable equalizer, emphasis and amplitude settings
to achieve optimized HDMI signal integrity
Î
Î
Integrated selectable DDC active/ passive switch to connect
DDC path
Î
Î
Idle clock detection function for output squelch
Î
Î
Programmable TMDS termination control
à
TMDS input pull-up 50 Ohm termination, pull-down
>120K Ohm resistor when switch is deselected
à
Double terminated TMDS output
Î
Î
Integrated ESD protection on I/O pins to connector
à
8KV contact per IEC61000-4-2, level 3
Î
Î
Packaging
à
64 pin LQFP (FB), Pb-free and Green
3:1 ActiveEye™ HDMI™ Switch with I2C Control & ARC Transmitter
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
CK-A
CK+A
D1-A
D1+A
VDD
D2-A
D2+A
GND
D3-A
D3+A
/OE
INT_ OUT
SVDD
SDA_CTL
SCL_CTL
I2C_ADR
D3+C
D3-C
D2+C
D2-C
VDD
D1+C
D1-C
GND
CK+C
CK-C
SCL_C
SDA_C
HPD_C
5V_portA
5V_portB
5V_portC
PI3HDMI336
LQFP- 64
12-0237


Número de pieza similar - PI3HDMI336

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI3HDMI336 PERICOM-PI3HDMI336 Datasheet
1Mb / 20P
HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
More results

Descripción similar - PI3HDMI336

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
3-TO-1 DVI/HDMI SWITCH
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
logo
Renesas Technology Corp
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
AV SWITCH WITH I2C BUS CONTROL
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
AV Switch with I2C Bus Control
logo
Analog Devices
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com