Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3VT3245-A Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

No. de pieza PI3VT3245-A
Descripción Electrónicos  8-Bit, 2-Port, Low Voltage Translator Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT3245-A Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3VT3245-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT3245-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT3245-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT3245-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VT3245-A Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
10/04/11
PI3VT3245-A
8-Bit, 2-Port, Low Voltage
Translator Bus Switch
Packaging Mechanical: 20-pin QSOP (Q)
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
.150
.157
1
20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.058
1.47
.015 x 45˚
0.38
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
DESCRIPTION: 20-Pin, 150-Mil Wide, QSOP
PACKAGE CODE: Q
DOCUMENT CONTROL NO.
PD - 1202
REVISION: H
DATE: 10/22/07
Note:
1) Controlling dimensions in inches.
2) Ref: JEDEC MO-137B/AD
3) Dimensions do not include mold flash, protrusions or gate burrs
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
12-0245



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com