Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3DBS3224 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

No. de pieza PI3DBS3224
Descripción Electrónicos  3.3V High Speed 2 : 4 Differential Mux/Demux
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBS3224 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3DBS3224 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.pericom.com
04/28/14
PI3DBS3224
3.3V High Speed 2:4 Differential Mux/Demux
Ordering Information
Ordering Code
Packaging Code
Package Description
PI3DBS3224ZNAE
ZNA
20-contact, Thin Fine Pitch Quad Flat No Lead Package (TQFN)
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• "E" denotes Pb-free and Green
• Adding an "X" at the end of the ordering code denotes tape and reel packaging
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
DATE: 09/19/13
DESCRIPTION: 20-contact, Thin Fine Pitch Quad Flat No lead Package (TQFN)
PACKAGE CODE: ZNA
DOCUMENT CONTROL #: PD-2169
REVISION: --
Notes:
1. All dimensions are in mm. Angles in degrees.
2. Refer JEDEC MO-220.
3. Recommended land pattern is for reference only.
13-0240
Packaging Mechanical: 20-pin TQFN (ZNA)
14-0061



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com