Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPL-03S-12EUP Datasheet(PDF) 4 Page - MicroPower Direct, LLC

No. de pieza MPL-03S-12EUP
Descripción Electrónicos  3W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-03S-12EUP Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MPL-03S-12EUP Datasheet HTML 1Page - MicroPower Direct, LLC MPL-03S-12EUP Datasheet HTML 2Page - MicroPower Direct, LLC MPL-03S-12EUP Datasheet HTML 3Page - MicroPower Direct, LLC MPL-03S-12EUP Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
MicroPower Direct offers a wide range
of AC/DC power supplies in miniature SIP
packages. Current models include:
MPL-03SE
Key Features:
3W Output Power
Universal 85-264 VAC Input
EN 60950 Approved
Meets IEC Safety Class II
Right Angle Pins Available
Meets EN 55022 Class A
>300 kHour MTBF
Ultra-Miniature “SIP” Case
MPL-03SEUP
Key Features:
3W Output Power
Universal 85-264 VAC Input
EN 60950 Pending
Meets IEC Safety Class II
Standby Power Consumption <0.5W
>200 kHour MTBF
Also Available at 1W and 5W
Open, Ultra-Miniature “SIP” Package
MPL-05SE
Key Features:
5W Output Power
Universal 85-264 VAC Input
EN 60950 Approved
Meets IEC Safety Class II
Right Angle Pins Available
Meets EN 55022 Class A
>300 kHour MTBF
Ultra-Miniature “SIP” Case
Find full information on these power prod-
ucts & many others at the MPD website:
MICROPOWERDIRECT.COM
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Function
1
AC-Neutral
3
AC-Line
5+VCAP
7-VCAP
10
-VOUT
12
+VOUT
Pin Connections
Mechanical Dimensions
Primary/Secondary Separation
To meet safety requirements, it is required that the separation between any external components in the primary circuit and com-
ponents in the secondary circuit be >6.4 mm. The diagram above shows the approximate positioning of the primary/secondary
circuits. For more information, please contact the factory.



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com