| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CT3033SLTA Datasheet(PDF) 9 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT3033SLTA Datasheet(HTML) 9 Page - CT Micro International Corporation |
|
9 / 11 page ![]() CT Micro CT Micro Rev 1 Proprietary & Confidential Page 9 Aug, 2013 CT303X, CT304X, CT306X, CT308X 6Pin Zero Cross TRIAC Driver Coupler Ordering Information CT303X(Y)(Z)-G, CT304X(Y)(Z)-G, CT306X(Y)(Z)-G, CT308X(Y)(Z)-G X = (1,2,3) Y = Lead form option (S, SL, M or none) Z = Tape and reel option (TA, TB or none) G= Material option (G: Green, None: Non-green) Option Description Quantity None Standard 6 Pin Dip 50Units/Tube M Wide Lead Forming 50Units/Tube S(TA) Surface Mount Lead Forming – With Option A Taping 1000 Units/Reel S(TB) Surface Mount Lead Forming – With Option B Taping 1000 Units/Reel SL(TA) Surface Mount Lead Forming(Low Profile) – With Option A Taping 1000 Units/Reel SL(TB) Surface Mount Lead Forming(Low Profile) – With Option B Taping 1000 Units/Reel |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |