Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DF22-4RS/P-7.92 Datasheet(PDF) 15 Page - Hirose Electric

No. de pieza DF22-4RS/P-7.92
Descripción Electrónicos  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HIROSE [Hirose Electric]
Página de inicio  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22-4RS/P-7.92 Datasheet(HTML) 15 Page - Hirose Electric

Back Button DF22-4RS/P-7.92 Datasheet HTML 7Page - Hirose Electric DF22-4RS/P-7.92 Datasheet HTML 8Page - Hirose Electric DF22-4RS/P-7.92 Datasheet HTML 9Page - Hirose Electric DF22-4RS/P-7.92 Datasheet HTML 10Page - Hirose Electric DF22-4RS/P-7.92 Datasheet HTML 11Page - Hirose Electric DF22-4RS/P-7.92 Datasheet HTML 12Page - Hirose Electric DF22-4RS/P-7.92 Datasheet HTML 13Page - Hirose Electric DF22-4RS/P-7.92 Datasheet HTML 14Page - Hirose Electric DF22-4RS/P-7.92 Datasheet HTML 15Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
Item
Part Number
CL No.
Applicable Contacts
Type
Press unit
Applicators are used in automatic crimping
machines manufactured by Hirose Electric
Applicators are used in automatic
crimping machines manufactured by
other companies
Crimp tools
CM-105
AP105-DF22-1416
AP105-DF22A-1416
AP109A-DF22-1416
AP109A-DF22A-1416
AP109A-DF22A-1012
HT104/DF22-1416
HT104/DF22A-1416
HT103/DF22A-1012
901-0005-4
901-4576-7
901-4578-2
901-4579-5
901-4580-4
901-4582-0
550-0285-0
550-0286-2
550-0288-8
DF22/DF22A-1416SCF/PCF
DF22-1416SCF/PCF
DF22A-1416SCF/PCF
DF22-1416SCF/PCF
DF22A-1416SCF/PCF
DF22A-1012SCF
DF22-1416SC/PC
DF22A-1416SC/PC
DF22A-1012SC
Automatic
Manual
BTools
BContact Extraction
s Contact extraction tool: Flat-bladed screwdriver, 1.4 mm blade width
s Intended crimp Contacts: DF22-1416SC(F), DF22A-1416SC(F), DF22A-1012SC(F), DF22-1416PC(F), and DF22A-1416PC(F)
s Work Method
Housing Cross-Sectional Diagram
BPrecautions
qMake sure that the lock is fully depressed before un-mating the connectors.
qUse correct size of the wires. Do NOT forcefully twist or deform wires, as this may affect the
crimped contact connection.
Molded-in lance
Flat-bladed screwdriver
(1)
(2)
1. Refer to the drawing No. 1. Insert
correct size screwdriver in the
insulator against the molded-in
lance. Deflect the lance as shown.
2. Assure that the lance is deflected
to release the contact and pull- out
wire with the terminated contact.
Note 1: When crimping contact DF22A-1012SCF use a press with 3.5 ton min.
Note 2: AP109A type applicators cannot be used with the CM-105 press.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com