Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CT3043ST2 Datasheet(PDF) 6 Page - CT Micro International Corporation

No. de pieza CT3043ST2
Descripción Electrónicos  250V/400V Zero Cross 6-Pin Phototriac Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CTMICRO [CT Micro International Corporation]
Página de inicio  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3043ST2 Datasheet(HTML) 6 Page - CT Micro International Corporation

Back Button CT3043ST2 Datasheet HTML 2Page - CT Micro International Corporation CT3043ST2 Datasheet HTML 3Page - CT Micro International Corporation CT3043ST2 Datasheet HTML 4Page - CT Micro International Corporation CT3043ST2 Datasheet HTML 5Page - CT Micro International Corporation CT3043ST2 Datasheet HTML 6Page - CT Micro International Corporation CT3043ST2 Datasheet HTML 7Page - CT Micro International Corporation CT3043ST2 Datasheet HTML 8Page - CT Micro International Corporation CT3043ST2 Datasheet HTML 9Page - CT Micro International Corporation CT3043ST2 Datasheet HTML 10Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 6
Jul, 2014
CT3031, CT3032, CT3033
CT3041, CT3042, CT3043
250V/400V Zero Cross 6-Pin Phototriac Optocoupler
Package Dimension Dimensions in mm unless otherwise stated
Standard DIP – Through Hole
Wide Lead Forming – Through Hole (M Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12