Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SWI6-5-N Datasheet(PDF) 2 Page - CUI INC

No. de pieza SWI6-5-N
Descripción Electrónicos  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

SWI6-5-N Datasheet(HTML) 2 Page - CUI INC

  SWI6-5-N Datasheet HTML 1Page - CUI INC SWI6-5-N Datasheet HTML 2Page - CUI INC SWI6-5-N Datasheet HTML 3Page - CUI INC SWI6-5-N Datasheet HTML 4Page - CUI INC SWI6-5-N Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 11/10/2015
│ page 2 of 5
CUI Inc
│ SERIES: SWI6-N │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
0.19
A
inrush current
at230Vac,fullload,25°C,coldstart
60
A
leakagecurrent
0.25
mA
no load power consumption
0.1
W
OUTPUT
parameter
conditions/description
min
typ
max
units
regulation
±5
%
hold-up time
at full load
10
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
overvoltageprotection
output shut down
overcurrentprotection
outputshutdown,autorecovery
short circuit protection
outputshutdown,autorecovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolationvoltage
input to output at 10 mA for 1 minute
3,000
Vac
isolation resistance
input to output at 500 Vdc
10
MΩ
safetyapprovals
UL/cUL,PSE
EMI/EMC
FCCPart15BClassB
MTBF
asperTelcordiaSR-332,25°C
300,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operatingtemperature
0
40
°C
storagetemperature
-20
80
°C
operatinghumidity
non-condensing
20
80
%
storagehumidity
non-condensing
10
90
%
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com