Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI5V330S Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

No. de pieza PI5V330S
Descripción Electrónicos  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V330S Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5V330S Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PS7032F
09/09/04
PI5V330
Low On-Resistance Wideband/Video
Quad 2-Channel Mux/DeMux
Figure 1. Gain/Phase vs Frequency
Figure 2. Differential Phase/Gain vs VBIAS
DIV
1.000
2
4
6
8
1
2
4
6
8
1
2
NETWORK
A: REF
5.500
[dB]
B: REF
180.0
[deg]
MKR 216 115 931.231 Hz
T/R
519.486m
dB
q
90.2501
deg
RBW: 10 kHz
ST: 1.41 sec
RANGE: R = 0, T = 0dBm
PI5V330
3dB BANDWIDTH, PHASE
DIV
36.00
START
STOP
PHASE
GAIN
1 000 000 . 000 Hz
300 000 000 . 000 Hz
0dB
1dB
2dB
3db
4dB
5dB
6dB
7dB
8dB
9dB
10dB
+180
+144
+108
+72
+36
0
36
72
108
144
180
DIV
10.00m
NETWORK
A: REF
4.920[dB]
B: REF
34.30
[deg]
MKR
0.70 V
T/R
4.87392
dB
q
34.5956
deg
RBW: 10 kHz
ST: 1.00 sec
RANGE: R = 0, T = 0dBm
PI5V330
DG, DP
DIV
50.00
START
STOP
0.00 V
1.00 V
DG
DP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com